Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9079AL Datasheet(PDF) 49 Page - Mitel Networks Corporation

Part # MT9079AL
Description  CMOS ST-BUS??FAMILY Advanced Controller for E1
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9079AL Datasheet(HTML) 49 Page - Mitel Networks Corporation

Back Button MT9079AL Datasheet HTML 45Page - Mitel Networks Corporation MT9079AL Datasheet HTML 46Page - Mitel Networks Corporation MT9079AL Datasheet HTML 47Page - Mitel Networks Corporation MT9079AL Datasheet HTML 48Page - Mitel Networks Corporation MT9079AL Datasheet HTML 49Page - Mitel Networks Corporation MT9079AL Datasheet HTML 50Page - Mitel Networks Corporation MT9079AL Datasheet HTML 51Page - Mitel Networks Corporation MT9079AL Datasheet HTML 52Page - Mitel Networks Corporation MT9079AL Datasheet HTML 53Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
MT9079
4-285
Figure 22 - ST-BUS Timing Diagram
AC Electrical Characteristics - ST-BUS Timing
Characteristic
Sym
Min
Typ
Max
Units
Conditions/Notes
1
C2i Clock Width High or Low
t2W
200
258
ns
C2i clock period = 458 ns
2C4i Clock Width High or Low
t4W
85
159
ns
C4i clock period = 244 ns
3
Frame Pulse Setup
tFPS
10
ns
4
Frame Pulse Low
tFPL
20
ns
5
Serial Input Setup
tSIS
20
ns
6
Serial Input Hold
tSIH
30
ns
7
Serial Output Delay
tSOD
75
ns
150pF
AC Electrical Characteristics - Multiframe Timing
Characteristic
Sym
Min
Typ
Max
Units
Conditions/Notes
1
Receive Multiframe Output Delay
tMOD
75
ns
150pF
2
Transmit Multiframe Setup
tMS
5ns
3
Transmit Multiframe Hold
tMH
50
*
ns
* 256 C2 periods -100nsec
4
Multiframe to C2 Setup
tMH2
100
ns
C2i
F0i
ST-BUS Bit
Stream
All Input
tSIH
tFPL
t2W
t2W
tFPS
tSIS
Streams
tSOD
All Output
Streams
VTT
VTT
VTT
t4W
t4W
VTT
C4i
VTT,VCT
Channel 31, Bit 0
Channel 0, Bit 7
Channel 0, Bit 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com