Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TY-250P Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # TY-250P
Description  Audio Transformer PC Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

TY-250P Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  TY-250P Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A u d i o Tr ansformer
P C M o u n t
web:www.TriadMagnetics.com
Phone 951-277-0757
Fax
951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
TY -250P
Description:
This transformer operates in the 20 Hz to 20,000 Hz range, making it suitable for a
broad application spectrum in the audio industry. This device is used in line
matching, telephone coupling, pulse trigger, driver, interstage, and isolation input
and output applications.
Operating Temperature Range:
-40º C to 105º C
Electrical Specifications at 25º C:
1. Primary Impedance:
1000
 CT *
2. Secondary Impedance:
1000
 CT / 250 *
3. Output:
20mW *
4. Primary DC Unbalance:
4 mA
5. Frequency Response:
+ 1db from 20 to 20,000 Hz
8. Insertion Loss @ 1K Hz:
< 2.8db
11. DCR: Primary (2-4)
172Ω Nominal
Secondary (5-8, w/6-7 tied)
172Ω Nominal
12. Turns Ratio:
1:1 (tie 6&7)
2:1 (5 tied to 6 and 7 tied to 8)
13. Dielectric Strength
1000V Primary to Secondary
Outline Dimensions:
A. Dimensions:
As shown
B. Weight:
0.4 oz.
Frequency Response:
TY-250P FREQUENCY RESPONSE
-1.00
-0.50
0.00
0.50
1.00
1.50
10
100
1000
10000
100000
FREQUENCY
600 OHM
1K OHM
10K OHM
100K OHM
1M OHM
OPEN CIRCUIT
* 600:600,10K:10K,100K:100K, 1M:1M, and other impedances
(secondaries can all be used at ¼ value when placed in parallel) are optional as long as
input voltage is ≤4.2Vrms and current is ≤7mA.
RoHS Compliance:
As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
Upon printing, this document is considered “uncontrolled”.Please contact Triad
Magnetics’ website for the most current version.
4
3
2
5
7
6
8
0.025 SQ
8 PLCS
0.900
0.700
1
4
5
8
0.600
0.200 (5 PLCS)
0.150
0.700
0.800
0.040
0.520
BOTTOM VIEW
0.770


Similar Part No. - TY-250P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TY-141P TRIAD-TY-141P Datasheet
43Kb / 1P
TY-141P
TY-141P TRIAD-TY-141P_13 Datasheet
94Kb / 1P
Audio Transformer PC mount
TY-142P TRIAD-TY-142P Datasheet
53Kb / 1P
TY-142P
TY-142P TRIAD-TY-142P_13 Datasheet
122Kb / 1P
Audio Transformer PC mount
TY-144P TRIAD-TY-144P Datasheet
53Kb / 1P
TY-144P
More results

Similar Description - TY-250P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TY-145P TRIAD-TY-145P Datasheet
122Kb / 1P
Audio Transformer PC Mount
logo
PCA ELECTRONICS INC.
EPC3078-1 PCA-EPC3078-1 Datasheet
38Kb / 1P
Off-Line PC Mount Transformer
EPC3093-1 PCA-EPC3093-1 Datasheet
35Kb / 1P
Off-Line PC Mount Transformer
EPC3094-1 PCA-EPC3094-1 Datasheet
36Kb / 1P
Off-Line PC Mount Transformer
logo
TRIAD MAGNETICS
TY-141P TRIAD-TY-141P_13 Datasheet
94Kb / 1P
Audio Transformer PC mount
TY-142P TRIAD-TY-142P_13 Datasheet
122Kb / 1P
Audio Transformer PC mount
TY-144P TRIAD-TY-144P_13 Datasheet
123Kb / 1P
Audio Transformer PC Mount
TY-145P TRIAD-TY-145P_13 Datasheet
123Kb / 1P
Audio Transformer PC Mount
TY-146P TRIAD-TY-146P_13 Datasheet
125Kb / 1P
Audio Transformer PC Mount
TY-305P TRIAD-TY-305P_13 Datasheet
44Kb / 1P
Audio Transformer PC Mount
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com