Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TY-310P Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # TY-310P
Description  Audio Transformer Data Coupling
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

TY-310P Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  TY-310P Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A u d i o Tr ansformer
Data/Voice Coupling
web:www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
SECONDARY
600
OHM
1
4
6
PRIMARY
3
600
OHM
1
6
3
4
.040 DIA.
.50 MAX
.125 TYP
.86 MAX
.468
.468
.73 MAX
TY -310P
Description:
The TY series transformers are used for a variety of applications including
impedance matching, isolation, repeat coil, line balancing, bridging and hybrid
circuits.
Electrical Specifications at 25º C:
Designed to meet FCC Part 68
Longitudinal Balance: (FCC 68.310) – 60 dB min. 200 – 1000 Hz
45 dB min. 1000 – 4000 Hz
Dielectric Strength: (FCC 68.304) – 1500VAC
Power Level: -45 dBm to +7 dBm
Frequency Range: Data/Voice = 300 to 3500 Hz
Data = 800 to 3500 Hz
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard
products meet the requirements of 2011/65/EU, known as the RoHS initiative.
*Upon printing, this document is considered “uncontrolled”.Please contact Triad
Magnetics website for the most current version.
Impedance
(Ohms)
Max. DC
Current
(mA)
Typ.
Insertion
Loss (dB)
Typ.
Return
Loss (dB)
Typ. Freq.
Response
(dB)
Pri
Sec
600
600
0
1.0
26
±.5


Similar Part No. - TY-310P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TY-311P TRIAD-TY-311P Datasheet
33Kb / 1P
TY-311P
TY-311P TRIAD-TY-311P_13 Datasheet
54Kb / 1P
Audio Transformer Data Coupling
More results

Similar Description - TY-310P

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TY-300P TRIAD-TY-300P_13 Datasheet
40Kb / 1P
Audio Transformer Data coupling
TY-301P TRIAD-TY-301P_13 Datasheet
41Kb / 1P
Audio Transformer Data Coupling
TY-303P TRIAD-TY-303P_13 Datasheet
41Kb / 1P
Audio Transformer Data coupling
TY-304P TRIAD-TY-304P_13 Datasheet
43Kb / 1P
Audio Transformer Data Coupling
TY-306P TRIAD-TY-306P_13 Datasheet
46Kb / 1P
Audio Transformer Data coupling
TY-307P TRIAD-TY-307P_13 Datasheet
72Kb / 1P
Audio Transformer Data coupling
TY-311P TRIAD-TY-311P_13 Datasheet
54Kb / 1P
Audio Transformer Data Coupling
TY-400P TRIAD-TY-400P_13 Datasheet
40Kb / 1P
Audio Transformer Data Coupling
TY-401P TRIAD-TY-401P_13 Datasheet
44Kb / 1P
Audio Transformer Data coupling
TY-403P TRIAD-TY-403P_13 Datasheet
44Kb / 1P
Audio Transformer Data coupling
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com