Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9126AS Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9126AS
Description  CMOS Quad ADPCM Transcoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9126AS Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9126AS Datasheet HTML 1Page - Mitel Networks Corporation MT9126AS Datasheet HTML 2Page - Mitel Networks Corporation MT9126AS Datasheet HTML 3Page - Mitel Networks Corporation MT9126AS Datasheet HTML 4Page - Mitel Networks Corporation MT9126AS Datasheet HTML 5Page - Mitel Networks Corporation MT9126AS Datasheet HTML 6Page - Mitel Networks Corporation MT9126AS Datasheet HTML 7Page - Mitel Networks Corporation MT9126AS Datasheet HTML 8Page - Mitel Networks Corporation MT9126AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MT9126
Preliminary Information
8-34
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1
EN1
Enable Strobe 1 (Output). This 8 bit wide, active high strobe is active during the B1
PCM channel in ST-BUS mode. Becomes a single bit, high true pulse when LINEAR=1.
In SSI mode this output is high impedance.
2
MCLK
Master Clock (input). This is a 4.096 MHz (minimum) input clock utilized by the
transcoder function; it must be supplied in both ST-BUS and SSI modes of operation.
In ST-BUS mode the C4 ST-BUS clock is applied to this pin. This synchronous clock is
also used to control the data I/O flow on the PCM and ADPCM input/output pins
according to ST-BUS requirements.
In SSI mode this master clock input is derived from an external source and may be
asynchronous with respect to the 8 kHz frame. MCLK rates greater than 4.096 MHz are
acceptable in this mode since the data I/O rate is governed by BCLK.
3F0i
Frame Pulse (Input). Frame synchronization pulse input for ST-BUS operation. SSI
operation is enabled by connecting this pin to VSS.
4
C2o
2.048 MHz Clock (Output). This ST-BUS mode bit clock output is the MCLK (C4) input
divided by two, inverted, and synchronized to F0i. This output is high-impedance during
SSI operation.
5
BCLK
Bit Clock (Input). 128 kHz to 4096 kHz bit clock input for both PCM and ADPCM ports;
used in SSI mode only. The falling edge of this clock latches data into ADPCMi, PCMi1
and PCMi2. The rising edge clocks data out on ADPCMo, PCMo1 and PCMo2. This input
must be tied to VSS for ST-BUS operation.
6
PCMo1
Serial PCM Stream 1 (Output). 128 kbit/s to 4096 kbit/s serial companded/linear PCM
output stream. Data are clocked out by rising edge of BCLK in SSI mode. Clocked out by
MCLK divided by two in ST-BUS mode. See Figure 14.
7
PCMi1
Serial PCM Stream 1 (Input). 128 kbit/s to 4096 kbit/s serial companded/linear PCM
input stream. Data are clocked in on falling edge of BCLK in SSI mode. Clocked in at the
3/4 bit position of MCLK in ST-BUS mode. See Figure 14.
8VSS
Digital Ground. Nominally 0 volts.
9
LINEAR
Linear PCM Select (Input). When tied to VDD the PCM I/O ports (PCM1,PCM2) are 16-
bit linear PCM. Linear PCM operates only at a bit rate of 2048 kbit/s. Companded PCM is
selected when this pin is tied to VSS. See Figures 5 & 8.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
28
27
26
25
24
23
22
21
MS1
VDD
MS3
IC
MS4
FORMAT
MS2
PWRDN
ADPCMi
ADPCMo
MS5
MS6
EN2
PCMo1
BCLK
PCMi1
LINEAR
ENB2/F0od
VSS
C2o
MCLK
F0i
PCMi2
ENB1
PCMo2
EN1
SEL
A/
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com