Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP218 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ATP218
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP218 Datasheet(HTML) 2 Page - ON Semiconductor

  ATP218 Datasheet HTML 1Page - ON Semiconductor ATP218 Datasheet HTML 2Page - ON Semiconductor ATP218 Datasheet HTML 3Page - ON Semiconductor ATP218 Datasheet HTML 4Page - ON Semiconductor ATP218 Datasheet HTML 5Page - ON Semiconductor ATP218 Datasheet HTML 6Page - ON Semiconductor ATP218 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ATP218
No.8970-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
30
V
Zero-Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
μA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
μA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.5
1.3
V
Forward Transfer Admittance
| yfs |
VDS=10V, ID=50A
260
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=50A, VGS=4.5V
2.9
3.8
mΩ
RDS(on)2
ID=25A, VGS=2.5V
4.0
5.6
mΩ
Input Capacitance
Ciss
VDS=10V, f=1MHz
6600
pF
Output Capacitance
Coss
780
pF
Reverse Transfer Capacitance
Crss
600
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit.
88
ns
Rise Time
tr
960
ns
Turn-OFF Delay Time
td(off)
340
ns
Fall Time
tf
320
ns
Total Gate Charge
Qg
VDS=15V, VGS=4.5V, ID=100A
70
nC
Gate-to-Source Charge
Qgs
20
nC
Gate-to-Drain “Miller” Charge
Qgd
14
nC
Diode Forward Voltage
VSD
IS=100A, VGS=0V
0.91
1.2
V
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
ATP218-TL-H
ATPAK
3,000pcs./reel
Pb Free and Halogen Free
PW=10μs
D.C.≤1%
P.G
50Ω
G
S
D
ID=50A
RL=0.3Ω
VDD=15V
VOUT
ATP218
VIN
4.5V
0V
VIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com