Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATP404 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ATP404
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ATP404 Datasheet(HTML) 3 Page - ON Semiconductor

  ATP404 Datasheet HTML 1Page - ON Semiconductor ATP404 Datasheet HTML 2Page - ON Semiconductor ATP404 Datasheet HTML 3Page - ON Semiconductor ATP404 Datasheet HTML 4Page - ON Semiconductor ATP404 Datasheet HTML 5Page - ON Semiconductor ATP404 Datasheet HTML 6Page - ON Semiconductor ATP404 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ATP404
No. A1405-3/7
2
0
14
10
3456789
6
10
2
8
12
4
| yfs | -- I
D
RDS(on) -- VGS
RDS(on) -- Tc
ID -- VDS
ID -- VGS(off)
IS -- VSD
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Cutoff Voltage, VGS(off) -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Drain Current, ID -- A
Drain-to-Source Voltage, VDS -- V
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
030
5
152025
10
IT14384
IT14383
IT14382
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.001
0.01
7
5
3
2
IT14381
f=1MHz
Coss
Crss
0.1
1.0
2
23
100
2
23
5 7
57
10
35 7
5
VGS=0V
Single pulse
1000
100
3
2
3
2
5
7
3
2
5
7
0.1
1.0
23
5 7
7
23
5
100
VDD=30V
VGS=10V
td(off)
tf
td(on)
tr
IT14379
IT14380
--50
--25
0
25
50
75
100
125
150
0
16
10
6
2
14
12
8
4
ID=48A
Single pulse
Tc=25
°C
VDS=10V
Tc=75°C
IT14377
IT14378
0
5.5
1.5
0
0
200
160
120
20
40
80
140
100
180
60
2.0
0.5
1.5
1.0
0
200
180
140
160
120
100
80
3.0
4.5
1.0
2.5
4.0
0.5
2.0
3.5
5.0
60
40
20
4.5V
VGS=3.0V
Single pulse
6.0V
2
0.1
7
5
3
2
10
23
5 7
Ciss
V GS
=4.5V
, I D
=48A
VGS
=10.0V
, ID
=48A
Tc=
--25
°C
75
°C
25
°C
VDS=10V
1.0
7
5
7
5
7
3
2
10
100
3
2
3
2
1.0
7
5
3
2
10
7
5
3
2
100
7
5
3
2
3
1000
10000
7
5
5
3
2
7
3
2
2
25
°C
--25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com