Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9196AS Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MT9196AS
Description  ISO2-CMOS Integrated Digital Phone Circuit (IDPC)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9196AS Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MT9196AS Datasheet HTML 1Page - Mitel Networks Corporation MT9196AS Datasheet HTML 2Page - Mitel Networks Corporation MT9196AS Datasheet HTML 3Page - Mitel Networks Corporation MT9196AS Datasheet HTML 4Page - Mitel Networks Corporation MT9196AS Datasheet HTML 5Page - Mitel Networks Corporation MT9196AS Datasheet HTML 6Page - Mitel Networks Corporation MT9196AS Datasheet HTML 7Page - Mitel Networks Corporation MT9196AS Datasheet HTML 8Page - Mitel Networks Corporation MT9196AS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
MT9196
Preliminary Information
7-128
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1M-
Inverting Microphone (Input). Inverting input to microphone amplifier from the handset
microphone.
2M+
Non-Inverting Microphone (Input). Non-inverting input to microphone amplifier from the
handset microphone.
3VBias
Bias Voltage (Output). (VDD/2) volts is available at this pin for biasing external amplifiers.
Connect 0.1 µF capacitor to VSSA.
4VRef
Reference voltage for codec (Output). Nominally [(VDD/2)-1.5] volts. Used internally.
Connect 0.1 µF capacitor to VSSA.
5
PWRST
Power-up Reset (Input). CMOS compatible input with Schmitt Trigger (active low).
6IC
Internal Connection. Tie externally to VSS for normal operation.
7VSSD
Digital Ground. Nominally 0 volts.
8CS
Chip Select (Input). This input signal is used to select the device for microport data
transfers. Active low. TTL level compatible.
9SCLK
Serial Port Synchronous Clock (Input). Data clock for microport. TTL level compatible.
10
DATA1
Bidirectional Serial Data. Port for microprocessor serial data transfer. In Motorola/National
mode of operation, this pin becomes the data transmit pin only and data receive is
performed on the DATA2 pin. TTL level compatible input levels.
11
DATA2
Serial Data Receive. In Motorola/National mode of operation, this pin is used for data
receive to the IDPC. In Intel mode, serial data transmit and receive are performed on the
DATA1 pin and DATA2 is disconnected. Input level TTL compatible.
12
WD
Watchdog (Output). Watchdog timer output. Active high.
13
IRQ
Interrupt Request (Open Drain Output). Low true interrupt output to microcontroller.
14
Dout
Data Output. A tri-state digital output for 8 bit wide channel data being sent to the Layer 1
device. Data is shifted out via this pin concurrent with the rising edge of BCL during the
timeslot defined by STB, or according to standard ST-BUS timing.
15
Din
Data Input. A digital input for 8 bit wide channel data received from the Layer 1 device.
Data is sampled on the falling edge of BCL during the timeslot defined by STB, or according
to standard ST-BUS timing. Input level is CMOS compatible.
AUXin
MIC+
VDD
HSPKR-
HSPKR+
SPKR-
SPKR+
VSS SPKR
AUXout
VSSA
STB/F0i
CLOCKin
XSTAL2
Din
M-
M+
VBias
VRef
PWRST
IC
VSSD
CS
SCLK
DATA1
DATA2
IRQ
WD
Dout
28 PIN PLCC
28 PIN SOIC/PDIP
1
6
5
43
2
7
8
9
10
11
23
19
20
21
22
24
25
26
27
28
PWRST
IC
VSSD
CS
SCLK
DATA1
DATA2
VDD
HSPKR-
HSPKR+
SPKR-
SPKR+
VSS SPKR
AUXout
12 13 14 15 16 17 18
17
18
19
20
28
27
26
25
24
23
22
21
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com