Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT91L61AS Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT91L61AS
Description  ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT91L61AS Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT91L61AS Datasheet HTML 17Page - Mitel Networks Corporation MT91L61AS Datasheet HTML 18Page - Mitel Networks Corporation MT91L61AS Datasheet HTML 19Page - Mitel Networks Corporation MT91L61AS Datasheet HTML 20Page - Mitel Networks Corporation MT91L61AS Datasheet HTML 21Page - Mitel Networks Corporation MT91L61AS Datasheet HTML 22Page - Mitel Networks Corporation MT91L61AS Datasheet HTML 23Page - Mitel Networks Corporation MT91L61AS Datasheet HTML 24Page - Mitel Networks Corporation MT91L61AS Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Advance Information
MT91L60/61
21
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
* Note: RxINC, refer to Control Register 1, address 00h.
AC Characteristics† for D/A (Receive) Path - 0dBm0 = A
Lo3.17 - 3.17dB = 1.027Vrms for µ-Law and 0dBm0 = ALo3.14
- 3.14dB =1.067Vrms for A-Law, at the Codec.
(VRef = 0.4V and VBias=1.5 volts.)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Analog output at the Codec full
scale
ALo3.17
ALo3.14
4.183
4.331
Vp-p
Vp-p
µ-Law
A-Law
2
Absolute half-channel gain.
Din to HSPKR
±
GAR1
GAR2
GAR3
GAR4
-0.6
-6.6
-6.6
-12.6
0
-6
-6
-12
0.6
-5.4
-5.4
-11.4
dB
dB
dB
dB
DrGain=0, RxINC =1*
DrGain=0, RxINC =0*
DrGain=1, RxINC =1*
DrGain=1, RxINC =0*
@ 1020 Hz
Tolerance at all other receive
filter settings
(-1 to -7dB)
-0.2
±0.1
+0.2
dB
3
Gain tracking vs. input level
ITU-T G.714 Method 2
GTR
-0.3
-0.6
-1.6
0.3
0.6
1.6
dB
dB
dB
3 to -40 dBm0
-40 to -50 dBm0
-50 to -55 dBm0
4
Signal to total distortion vs.
input level.
ITU-T G.714 Method 2
GQR
35
29
24
dB
dB
dB
0 to -30 dBm0
-40 dBm0
-45 dBm0
5
Receive Idle Channel Noise
NCR
NPR
11.5
-80
14
-77
dBrnC0
dBm0p
µ-Law
A-Law
6
Gain relative to gain at 1020Hz
200 Hz
300 - 3000 Hz
3000 - 3300 Hz
3300 Hz
3400 Hz
4000 Hz
4600 Hz
>4600 Hz
GRR
-0.25
-0.90
-0.9
-0.9
-0.1
-0.5
-23
-41
0.25
0.25
0.25
0.25
0.25
-12.5
-25
-25
dB
dB
dB
dB
dB
dB
dB
dB
7
Absolute Delay
DAR
240
µs
at frequency of min. delay
8
Group Delay relative to DAR
DDR
750
380
130
750
µs
µs
µs
µs
500-600 Hz
600 - 1000 Hz
1000 - 2600 Hz
2600 - 2800 Hz
9
Crosstalk
D/A to A/D
A/D to D/A
CTRT
CTTR
-90
-90
-74
-80
dB
dB
ITU-T
G.714.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com