Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJ88C33MP Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # NJ88C33MP
Description  Frequency Synthesiser (I2C BUS Programmable)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

NJ88C33MP Datasheet(HTML) 2 Page - Mitel Networks Corporation

  NJ88C33MP Datasheet HTML 1Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 2Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 3Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 4Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 5Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 6Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 7Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 8Page - Mitel Networks Corporation NJ88C33MP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NJ88C33
2
PIN DESIGNATIONS
Description
Pin
Name
V
DD
RI
S/D
SDA
SCL
PORT
MOD
FI
GND2
FVN
GND1
PD
C
LD
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Supply voltage (normally 5V or 3V).
Reference frequency input from an accurate source, normally a crystal oscillator. The input is normally
an AC coupled sinewave but may be a DC coupled square wave.
Single/dual modulus operating mode selection input. Single modulus operation is selected by driving
the pin low. 'High' selects dual modulus mode.
I2C bus data input pin. It is also an open-drain output for generating I2C bus acknowledge pulses.
I2C bus clock input. It can be clocked at up to 5MHz.
Output control pin, which can be programmed via the I2C bus. It can be connected to the S/D pin to
select single or dual modulus mode under bus control.
Modulus control pin. It is high in single modulus mode but switches in dual modulus operation. In dual
modulus mode, MOD remains low during operation of the A counter until A=0; MOD then remains high
until N=0, when both counters are reloaded. It can be programmed via the I2C bus as an open-drain
or push-pull output.
Frequency input from a VCO or prescaler. The input is normally an AC coupled sinewave but may be
a DC coupled square wave.
Dedicated ground for the FI input buffer. It should be connected to the VCO ground or the prescaler
ground, if used. Any noise on this pin will affect the performance of the VCO loop.
Open-drain output from the N counter.
Ground supply pin (global).
Tristate current output from the phase detector. The polarity of the output can be programmed via the
I2C bus.
Voltage doubler output. The operation of the doubler can be controlled via the I2C bus. In applications
where the voltage doubler is switched off, this pin should be connected to GND1; a reservior capacitor
should be connected from this pin to GND1 for applications where it is switched on.
Open-drain lock detect output - requires integration if used.
OPERATING RANGE
Test conditions (unless otherwise stated):
PLL locked, RI = 10MHz
Supply voltage
Ambient temperature
Supply current
Single modulus
Dual modulus
Standby mode
Standby mode
V
°C
mA
mA
µA
mA
V
DD
T
amb
I
DD
I
DD
I
DD
I
DD
2.5
-40
Conditions
Symbol
Min. Typ. Max.
Unit
Value
5
2.1
2
1.0
5.5
+85
3.0
3.0
1
1.5
Characteristic
FI = 50MHz, VFI = 150mVrms, N,R > 1000 without
voltage doubler, VDD = 5V, Tamb = 25°C
FI = 10MHz, VFI = 500mVrms, N,R > 1000 without
voltage doubler, VDD = 5V, Tamb = 25°C
FI = 50MHz, VFI = 150mVrms, preamp off, divider off,
VDD = 5V, Tamb = 25°C
FI = 50MHz, VFI = 150mVrms, preamp on, divider off,
VDD = 5V, Tamb = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com