Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP1601 Datasheet(PDF) 14 Page - Mitel Networks Corporation

Part # PDSP1601
Description  ALU and Barrel Shifter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP1601 Datasheet(HTML) 14 Page - Mitel Networks Corporation

Back Button PDSP1601 Datasheet HTML 10Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 11Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 12Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 13Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 14Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 15Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 16Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 17Page - Mitel Networks Corporation PDSP1601 Datasheet HTML 18Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PDSP1601 MC
14
Min.
2.4
2.5
Vdd -1
-10
-50
12
PDSP1601
Value
Typ.
5
ELECTRICAL CHARACTERISTICS
Operating Conditions (unless otherwise stated)
T
AMB (Military) = -55°C to +125°C,
V
CC = 5.0V±10%, Ground = 0V
Characteristic
* Output high voltage
* Output low voltage
* Input high voltage
* Input low voltage
* Input leakage current
* Vcc current
* Output leakage current
† Output S/C current
† Input capacitance
Max.
0.4
0.8
0.5
+10
60
+50
80
Units
V
V
V
V
V
V
µA
mA
µA
mA
pF
Symbol
V
OH
V
OL
V
IH
V
IL
V
IH
V
IL
I
IL
I
CC
I
OZ
I
SC
C
IN
Static Characteristics
Min.
5
5
5
30
40
40
40
5
200
100
40
40
Max.
40
100
100
0
0
0
3
0
3
100
40
40
40
40
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
sn
Switching Characteristics
Characteristics
Value
Conditions
I
OH = 8mA
I
OL = -8mA
CLOCK, OE
CLOCK, OE
GND < V
IN < VCC
T
amb = -40°C to +85°C
GND < V
OUT < VCC
V
CC = Max
Sub
group
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
1, 2, 3
2 x LSTTL + 20pF
1 x LSTTL + 5pF
1 x LSTTL + 5pF
Input mode
Input mode
20pF load, SV O P mode
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
2 x LSTTL + 20pF
9, 10, 11
Units
Sub
group
Conditions
CLK rising edge to C-PORT
CLK rising edge to CO
CLK rising edge to BFP
Setup
CEA or CEB to CLK rising edge
Hold
CEA or CEB to CLK rising edge
Setup A or B port inputs to CLK rising edge
Hold A or B port inputs to CLK rising edge
Setup MSA0-1, MSB, MSS, MSC, RA2-0, RS0-2, IA0-4,
IS0-3, to CLK rising edge
Hold RS0-2, IA0-4 to CLK rising edge
Hold IS0-3 to CLK rising edge
Hold MSA0-1, MSB, MSS, MSC, RA0-2 to CLK rising edge
Setup SV to CLK rising edge
Hold SV to CLK rising edge
CLK rising edge to SV
OE
C-PORT
Z
OE
C-PORT
Z
OE
C-PORT Z
OE
C-PORT Z
Clock period (ALU & Barrel Shifter, serial mode)
Clock period (ALU & Barrel Shifter, parallel mode)
Clock high time
Clock low time
†
†
†
†
†
†
†
†
†
†
†
†
†
†
†
†
†
†
†
*
†
†
All parameter marked * are tested during production.
Parameters marked † are guaranteed by design and characterisation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com