Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16116AB0AC Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # PDSP16116AB0AC
Description  16 X 16 Bit Complex Multiplier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16116AB0AC Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button PDSP16116AB0AC Datasheet HTML 7Page - Mitel Networks Corporation PDSP16116AB0AC Datasheet HTML 8Page - Mitel Networks Corporation PDSP16116AB0AC Datasheet HTML 9Page - Mitel Networks Corporation PDSP16116AB0AC Datasheet HTML 10Page - Mitel Networks Corporation PDSP16116AB0AC Datasheet HTML 11Page - Mitel Networks Corporation PDSP16116AB0AC Datasheet HTML 12Page - Mitel Networks Corporation PDSP16116AB0AC Datasheet HTML 13Page - Mitel Networks Corporation PDSP16116AB0AC Datasheet HTML 14Page - Mitel Networks Corporation PDSP16116AB0AC Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PDSP16116
11
CLK
n
24n23n22n21
n
25
A
′, B′, BTOUT
SOBFP
EOPSS
A, B, W,
WTA, WTB
GWR
234567
n
212
3
23
1
1
n
1
1
n
START OF
FIRST PASS
END OF FIRST PASS/
START OF NEXT PASS
(MINIMUM NUMBER OF
LAY CYCLES SHOWN).
PERIOD BETWEEN
OTHER INTERMEDIATE
PASSES IS SIMILAR.
NOTES
1. 1 = FIRST CYCLE OF DATA IN PASS
2. n = LAST CYCLE OF DATA IN PASS
In practice, data output may never approach the theoretical
maximum. Hence, it may be worthwhile to try various universal
exponents and choose the one best suited to the particular ap-
plication.
Data is output from the butterfly processor with a two-part
exponent: the 5-bit GWR applicable to all data words from a
given FFT and a 2-bit WTOUT associated with each individual
dataword. To find the complete exponent for a given word, the
GWR for that FFT must be modified by its WTOUT as shown in
Table 6. The result is the number of places the binary point has
shifted to the right during the course of the FFT.
This value must be compared with the universal exponent to
determine the shift required. This is done by subtracting it from
the universal exponent. The number of places to be shifted is
equal to the difference between the two exponents. The shift
can be implemented in a PDSP1601/A (the shift value is fed
into the SV port).
As FFT data consists of real and imaginary parts, either two
PDSP1601/As must be used (controlled by the same logic) or a
single PDSP1601/A could be used handling real and imaginary
data on alternate cycles (using the same instructions for both
cycles).
An example of an output normalisation circuit is shown
in Fig.8. Only 4-bit data paths are used in calculating the
shift. This means that we must be able to trap very small
values negative of GWR and force a 15-bit right shift in
such cases.
NB It is easier to simply add the word tag to the exponent for the
purpose of determing the shift required, instead of modifying it
according to Table.6. To compensate for this, the universal ex-
ponent may be increased by one.
Fig. 8 Output normalisation circuit
4-BIT ADDER
GWR
WTOUT
4-BIT SUBTRACTOR
UNIVERSAL
EXPONENT
4-BIT MUX
1111
SIGN
BIT
16-BIT DATA
PDSP1601
SV PORT
B PORT
C PORT
ASRSV
NORMALISED OUTPUT DATA
Fig. 7 Use of the BFP control signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com