Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16350 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # PDSP16350
Description  I/Q Splitter/NCO
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16350 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  PDSP16350 Datasheet HTML 1Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 2Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 3Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 4Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 5Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 6Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 7Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 8Page - Mitel Networks Corporation PDSP16350 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PDSP16350
2
JUMP
MODE
DIN19
DIN21
DIN23
VDD
DIN26
GND
DIN28
DIN30
DIN32
VOUT
RES
DIN17
DIN18
DIN20
DIN22
DIN24
DIN25
DIN27
DIN29
DIN31
DIN33
VIN
DIN15
DIN16
SIN15
SIN14
DIN13
DIN14
SIN13
SIN12
DIN11
DIN12
SIN11
SIN10
GND
DIN10
SIN9
GND
DIN9
DIN8
SIN8
SIN7
VDD
DIN7
SIN6
VDD
DIN6
DIN5
SIN4
SIN5
DIN4
DIN3
SIN2
SIN3
DIN2
DIN1
SIN0
SIN1
DIN0
COS15
COS13
COS11
COS9
COS7
COS6
COS4
COS2
COS0
CEN
CLOCK
GND
COS14
COS12
COS10
VDD
COS8
GND
COS5
COS3
COS1
OES
OEC
1
2
3
4
5
6
7
8
9
10
11
12
13
A
B
C
D
E
F
G
H
J
K
L
M
N
Fig. 2 A. Pin out - bottom view (84 pin PGA - AC84)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com