Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16256GC Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # PDSP16256GC
Description  Programmable FIR Filter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16256GC Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button PDSP16256GC Datasheet HTML 2Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 3Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 4Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 5Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 6Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 7Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 8Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 9Page - Mitel Networks Corporation PDSP16256GC Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
PDSP16256
6
Figure. 4 Block Diagram
Operational Overview
The PDSP16256 is an application specific FIR filter for
use in high performance digital signal processing
systems. Sampling rates can be up to 25MHz. The
device provides the filter function without any software
development, and the options are simply selected by
loading a control register. The device can be user
configured as either a single filter, or as two separate
filters. The latter can provide two independent filters for
the in-phase and quadrature channels after IQ splitting,
or can provide two filters in cascade for greater stop
band rejection.
The device operates from a system clock, with rates up
to 25MHz. This clock must be 1, 2, 4, or 8 times the
required sampling frequency, with the higher
multiplication rates producing longer filter networks at
the expense of lower sampling rates. Devices can be
connected in cascade to produce longer filter lengths.
This can be accomplished without the need for any
additional external data delays, and all the single device
options remain available.
Continuous inputs are accepted, and continuous results
produced after the internal pipeline delay. Connection
can be made directly to an A-D converter. The filter
operation can be synchronised to a Filter Enable signal
(FEN) whose positive going edge marks the first data
sample. The internal multiplier accumulator array can be
cleared with a dedicated input. This is necessary if
erroneous results obtained during the normal data ‘flush
through’ are not permissible in the system.
Coefficients can be loaded from a host system using a
conventional peripheral interface and separate data
bus. Alternatively, they can be loaded as a complete set
from a byte wide EPROM. The device produces
addresses for the EPROM and a BUSY output indicates
that the transfer is occurring. Up to sixteen devices can
have their coefficients supplied from a single EPROM.
These devices need not necessarily be part of the same
filter network.
Each of the filter networks shown in Fig. 4 contains eight
systolic multiplier accumulator stages; an example with
four stages is shown in Fig. 5. Input data flows through
the delay lines and is presented for multiplication with the
required coefficient. This is added to either the last result
from this accumulator or the result from the previous
accumulator. The filter results progress along the adders
at the data sample rate. If the sample rate equals SCLK
divided by four, for example, then the accumulated result
is passed onto the next stage every fourth cycle. The
structure described is highly efficient when used to
calculate filtered results from continuous input data.
A comprehensive digital filter design program is
available for PC compatible machines. This will optimise
the filter coefficients for the filter type required and
number of taps available at the selected sample rate
within the PDSP16256 device. An EPROM file can be
automatically generated in Motorola S-record format.
SWAP
A7:0
C15:0
CCS
WEN
CS
BYTE
EPROM
FEN
DFEN
DCLR
RES
COEFFICIENT
STORAGE
AND
CONTROL
SCLK
FRUN
CLKOP
BUSY
DA15:0
F31:0
OEN
NETWORK
A
NETWORK
B
DUAL
MODE
SINGLE
MODE
MUX
DB15:0
X31:0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com