Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCE2012 Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE2012
Description  NCE N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE2012 Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE2012 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2012 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2012 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2012 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2012 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2012 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE2012 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NCE2012
Pb Free Product
http://www.ncepower.com
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE N-Channel Enhancement Mode Power MOSFET
Description
The NCE2012 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
●
VDS =20V,ID =12A
RDS(ON) < 8mΩ @ VGS=10V
RDS(ON) < 11mΩ @ VGS=10V
●
High density cell design for ultra low Rdson
●
Fully characterized Avalanche voltage and current
Application
●
DC/DC Converter
●
Notebook Vcore
Schematic diagram
Marking and pin Assignment
SOP-8 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
2012
NCE2012
SOP-8
Ø330mm
12mm
2500 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
12
A
Drain Current-Continuous(TA=100℃)
ID (100℃)
8
A
Pulsed Drain Current
IDM
40
A
Maximum Power Dissipation
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note 2)
RθJA
50
/W
℃


Similar Part No. - NCE2012

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE2012 VBSEMI-NCE2012 Datasheet
1,005Kb / 9P
N-Channel 20-V (D-S) MOSFET
More results

Similar Description - NCE2012

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE01H16 NCEPOWER-NCE01H16 Datasheet
369Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE70H13 NCEPOWER-NCE70H13 Datasheet
407Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1490 NCEPOWER-NCE1490 Datasheet
375Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
NCE1530KC NCEPOWER-NCE1530KC Datasheet
419Kb / 7P
NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com