Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SATURN Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SATURN
Description  CDMA/AMPS dual Band IF Receiver for Digital Phones
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SATURN Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SATURN Datasheet HTML 1Page - Mitel Networks Corporation SATURN Datasheet HTML 2Page - Mitel Networks Corporation SATURN Datasheet HTML 3Page - Mitel Networks Corporation SATURN Datasheet HTML 4Page - Mitel Networks Corporation SATURN Datasheet HTML 5Page - Mitel Networks Corporation SATURN Datasheet HTML 6Page - Mitel Networks Corporation SATURN Datasheet HTML 7Page - Mitel Networks Corporation SATURN Datasheet HTML 8Page - Mitel Networks Corporation SATURN Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SATURN
Preliminary Information
Figure 2 Pin Connections
QSOP28
IF VCC
IF OUTB
IF OUT
IF VEE
GND
CDMA IFIN
CDMA IFINB
FM IFIN
FM IFINB
AGC
AGCB
MODE CDMA
ENABLE
GND
VHF VCC
I OUTB
I OUT
VHF VEE
OVERLOAD DET
VHF RES
VHF RESB
BAND 1900
VHF BUF
VHF BUFB
GND
Q OUT
Q OUTB
STARTUP
Pin Description
Pin No
Pin Name
Description
1
IF VCC
Supply for IF inputs and AGC blocks
2
IF OUTB
Post AGC IF output
3
IF OUT
Post AGC IF output
4
IF VEE
Ground for IF inputs and AGC blocks
5
GND
Substrate ground
6
CDMA IFIN
Post SAW IF input (CDMA)
7
CDMA IFINB
Post SAW IN input (CDMA)
8
FM IFIN
Post SAW IF input (FM)
9
FM IFINB
Post SAW IF inputs (FM) (AC ground)
10
AGC
AGC Control for IF section
11
AGCB
AGC control for IF sections (AC ground)
12
MODE CDMA
CDMA/FM mode select
13
ENABLE
Power up AGC sections of device
14
GND
Substrate Ground
15
STARTUP
Power up Oscillator, DLL and Mixer sections of the device
16
QOUTB
Q channel baseband output
17
OUT
Q Channel baseband output
18
GND
Ground
19
VHF BUFB
VHF oscillator buffered output for synthesiser
20
VHF BUF
VHF oscillator buffered output for synthesiser
21
BAND 1900
VHF oscillator tuning band select input
22
VHF RESB
VHF VCO resonator
23
VHF RES
VHF VCO resonator
24
OVERLOAD DET
Overload detector output
25
VHF VEE
Ground for VHF VCO and DLL blocks
26
I OUT
I channel baseband output
27
I OUTB
I channel baseband output
28
VHF VCC
Supply for VHF and DLL blocks



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com