Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDSP16510GCPR Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # PDSP16510GCPR
Description  Stand Alone FFT Processor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

PDSP16510GCPR Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button PDSP16510GCPR Datasheet HTML 11Page - Mitel Networks Corporation PDSP16510GCPR Datasheet HTML 12Page - Mitel Networks Corporation PDSP16510GCPR Datasheet HTML 13Page - Mitel Networks Corporation PDSP16510GCPR Datasheet HTML 14Page - Mitel Networks Corporation PDSP16510GCPR Datasheet HTML 15Page - Mitel Networks Corporation PDSP16510GCPR Datasheet HTML 16Page - Mitel Networks Corporation PDSP16510GCPR Datasheet HTML 17Page - Mitel Networks Corporation PDSP16510GCPR Datasheet HTML 18Page - Mitel Networks Corporation PDSP16510GCPR Datasheet HTML 19Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
PDSP16510
15
should be synchronous to SCLK.
In this mode increasing the output clock frequency will
allow a greater continuous input rate.
The provision of
separate DIS and DOS pins allows this to be mechanized, and
the DOS frequency can be increased to that of the system
clock used internally.
When the sum of the dump time
(including four extra DOS periods for output priming ) plus 12
system clock periods (the transform time variation caused by
input synchronization) is less than the load time, one device
will be guaranteed to have finished dumping before the next
one starts. The inverted DAV to DEN connection between
devices is then not needed, and all DEN inputs can be
grounded.
The LFLG transitions occur at the same times as Mode 1,
except that the double transition does not occur with multiple
concurrent transforms. Fig. 10 illustrates a timing sequence
with three devices. Real transforms still only use the real
inputs regardless of the amount of block overlapping.
MODE 3 (BITS 10:9 = 11)
Multiple device Mode 3 is provided in order to improve the
performance when block overlapping is needed, and separate
output processors are provided. In this mode transfers in and
out of the device are never concurrent with transform opera-
tions. The device will actually load extra data such that the
required data to perform two overlapped transforms is stored
internally. The amount of internal RAM prohibits the use of this
mode when performing overlapped 1024 point transforms.
LFLG will go in-active after a normal data block have been
loaded, regardless of the overlap selected. The device, how-
ever, continues to load more data. Thus, for example, in the 4
x 64 mode, five 64 point blocks will be loaded. This technique
allows each device in the system to complete two or four
overlapped transforms (depending on the amount of overlap)
before any new data is needed. When doing a straightforward
256 point transform the device will load 256 + 128 data points.
The full benefits are only obtained if more than one output
processor is provided, but an extra processor is not always
necessary for every device. Sampling rates up to the system
clock rate are possible. The equations defining the sampling
rates become:
(N - 1)L > 2PK + 2D for 50% overlaps
(N - 1)L > 4PK + 4D for 75% overlaps
where L is the time needed to load a normal block of data but
not including the extra data, P is the number of system clock
periods given in Table 4, K is the system clock period, and D
is the total dump time including 4 extra DOS periods. As
before, both DIS and DOS must be synchronous to SCLK.
When real transforms are to be performed on single
sourced data, an external FIFO is needed to provide pairs of
data blocks. These are loaded simultaneously into the real
and imaginary inputs. See the section on real transforms.
OPERATING MODES
The operating mode of the PDSP16510 is determined by
the condition of 16 bits in an internal Control Register. The
status of these bits is defined by the inputs present on the
AUX15:0 pins when the DEF input is active. The DEF input can
be a simple power on reset if the operating mode is fixed once
power is supplied. The AUX pins are also used to provide the
imaginary component of the complex input data. Thus, if
complex inputs are needed, the mode definition must be
implemented through a tri-state buffer which is only enabled
when DEF is active. The imaginary input data must be
disabled during this time.
Table 6 lists the functionality of each of the bits in the
mode control register, and further explanations are as fol-
lows:-
BITS 2:0
These bits define one of 7 options for the sample size and
type of data. In the 1024 point options the device will assume
the non concurrent operating mode, regardless of whether a
single or multiple device system is specified. The internal
control logic will then ensure that data is loaded, transformed,
and dumped in sequential operations.
For other data set sizes, loading, transforming, and
dumping, can all occur simultaneously with a single device;
the actual overlap will be dependent on the relative occur-
rences of the INEN input. Only in Mode 1 can concurrent
operations be done with multiple devices.
BIT 3
This bit determines the number of right shifts built into the
data path. In either condition only two right shifts occur during
the first pass. If the bit is reset, three shifts occur in subsequent
passes and the block floating point scheme allows up to fifteen
compensating left shifts. If it is set, two shifts occur in every
pass and overflow is possible. This is indicated by reducing
the number of compensating left shifts to fourteen, and using
scale tag value fifteen to indicate that overflow has occurred.
BITS 5:4
These bits define the choice of window operator. If other
windows are needed they must be applied externally. The
fourth option is used to specify the inverse transform, which
does not require the use of a window operator. When 16 x 16
complex transforms are specified by Bits 2:0, only the rectan-
gular window can be used. The use of any of the other options
will cause the device to enter an internal test mode.
BITS 8:6
These bits define 0%, 50%, or 75% data block overlap-
ping, and the division factor on the DIS input. Overlapping
must not be specified with 16 x 16 complex transforms.
Two decodes allow the DIS input to be divided by two or four,
when 50% and 75% overlapping is respectively needed.
These options allow the DOS and DIS input pins to be still
supplied from a common source, even though the output rate
must be faster than the input rate. The frequency of this source
would be dictated by the output rate requirement, with the
input rate internally reduced by the correct amount.
Special decodes are provided to support real only trans-
forms from dual sources, using both the real and auxiliary
inputs. When data is from a single source, and no overlaps are
needed, only the real input should be used. If 50% or 75%
overlaps are needed from a single source of real data, the
device always expects blocks to be simultaneously loaded. An
external FIFO is then needed to supply data to the real inputs
after a delay of one block. Each block is thus loaded twice,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com