Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1461MPAS Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # SL1461MPAS
Description  Wideband PLL FM Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1461MPAS Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button SL1461MPAS Datasheet HTML 4Page - Mitel Networks Corporation SL1461MPAS Datasheet HTML 5Page - Mitel Networks Corporation SL1461MPAS Datasheet HTML 6Page - Mitel Networks Corporation SL1461MPAS Datasheet HTML 7Page - Mitel Networks Corporation SL1461MPAS Datasheet HTML 8Page - Mitel Networks Corporation SL1461MPAS Datasheet HTML 9Page - Mitel Networks Corporation SL1461MPAS Datasheet HTML 10Page - Mitel Networks Corporation SL1461MPAS Datasheet HTML 11Page - Mitel Networks Corporation SL1461MPAS Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
SL1461SA
PACKAGE DETAILS
Dimensions are shown thus: mm (in).
CUSTOMER SERVICE CENTRES
q FRANCE & BENELUX Les Ulis Cedex
Tel: (1) 69 18 90 00 Fax: (1) 64 46 06 07
q GERMANY Munich Tel: (089) 419508-20 Fax: (089) 419508-55
q ITALY Milan Tel: (02) 6607151 Fax: (02) 66040993
q JAPAN Tokyo Tel: (03) 5276-5501 Fax: (03) 5276-5510
q KOREA Seoul Tel: (2) 5668141 Fax: (2) 5697933
q NORTH AMERICA Scotts Valley, USA
Tel: (408) 438 2900 Fax: (408) 438 5576/6231
This publication is issued to provide information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded
as a representation relating to the products or services concerned. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. The Company
reserves the right to alter without prior notice the specification, design or price of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any
guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and
to ensure that any publication or data used is up to date and has not been superseded. These products are not suitable for use in any medical products whose failure to perform may result in significant injury
or death to the user. All products and materials are sold and services provided subject to the Company's conditions of sale, which are available on request.
All brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners.
Internet: http://www.mitelsemi.com
© Mitel Corporation 1998 Publication No. DS4049 Issue No. 1.2 December 1994 TECHNICAL DOCUMENTATION – NOT FOR RESALE. PRINTED IN UNITED KINGDOM
q SOUTH EAST ASIA Singapore
Tel:(65) 333 6193 Fax: (65) 333 6192
q SWEDEN Stockholm Tel: 46 8 702 97 70 Fax: 46 8 640 47 36
q TAIWAN, ROC Taipei Tel: 886 2 25461260 Fax: 886 2 27190260
q UK, EIRE, DENMARK, FINLAND & NORWAY
Swindon Tel: (01793) 726666 Fax : (01793) 518582
These are supported by Agents and Distibutors in major countries
worldwide.
0·33/0·51
(0·013/0·020)
3·80/4·00
(0·150/0·157)
5·80/6·20
(0·228/0·244)
9·80/10·01
(0·386/0·394)
16
16-LEAD MINIATURE PLASTIC DIL - MP16
16 LEADS AT
1·27 (0·050)
NOM SPACING
0·69 (0·027)
MAX
0·10/0·25
(0·004/0·010)
1·35/1·75
(0·053/0·069)
SPOT REF.
CHAMFER
REF.
PIN 1
NOTES
1. Controlling dimensions are inches.
2. This package outline diagram is for guidance
only. Please contact your Mitel Semiconductor
CustomerService Centre for further
0·25/0·50
(0·010/0·020)
×45°
0·19/0·25
(0·008/0·010)
0-8
°
0·40/1·27
(0·016/0·050)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com