Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA8282DP1S Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # SA8282DP1S
Description  Three-Phase PWM Waveform Generator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SA8282DP1S Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button SA8282DP1S Datasheet HTML 6Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 7Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 8Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 9Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 10Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 11Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 12Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 13Page - Mitel Networks Corporation SA8282DP1S Datasheet HTML 14Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
SA828
PACKAGE DETAILS
Dimensions are shown thus: mm (in). For further package information, please contact your local Customer Service Centre.
2·36/2·64
(0·093/0·104)
28 LEADS AT
1·27 (0·050)
NOM. SPACING
17·70/18·10
(0·697/0·713)
0·10/0·30
(0·004/0·012)
0·41/1·27
(0·016/0·050)
0·25/0·71
(0·010/0·028)
0·23/0·33
(0·009/0·013)
28-LEAD MINIATURE PLASTIC DIL - MP28
0·74 (0·029)
MAX.
×45°
0·36/0·48
(0·014/0·019)
7·40/7·60
(0·291/0·299)
10·00/10·64
(0·394/0·419)
1
28
SPOT REF.
CHAMFER
REF.
0-8
°
NOTES
1. Controlling dimensions are inches.
2. This package outline diagram is for guidance
only. Please contact your Mitel Semiconductor
CustomerService Centre for further information.
0·51 (0·02)
MIN
0·38/0·61
(0·015/0·024)
38·10 (1·5)
MAX
28-LEAD PLASTIC DIL – DP28
1
28
3·05 (0·120)
MIN
PIN 1 REF
NOTCH
14·73 (0·58)
MAX
5·08/(0·200)
MAX
0·23/0·41
(0·009/0·016)
15.24 (0·6)
NOM CTRS
28 LEADS AT 2·54 (0·10)
NOM. SPACING
1·14/1·65
(0·045/0·065)
NOTES
1. Controlling dimensions are inches.
2. This package outline diagram is for guidance only.
Please contact your Mitel Semiconductor Customer
Service Centre for further information.
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com