Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL1914 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SL1914
Description  Satellite Tuner Front End LNA with AGC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL1914 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SL1914 Datasheet HTML 1Page - Mitel Networks Corporation SL1914 Datasheet HTML 2Page - Mitel Networks Corporation SL1914 Datasheet HTML 3Page - Mitel Networks Corporation SL1914 Datasheet HTML 4Page - Mitel Networks Corporation SL1914 Datasheet HTML 5Page - Mitel Networks Corporation SL1914 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SL1914
Preliminary Information
Figure 2 Pin Connections
MP8
Vcca
RFIP
Vee
AGC
Vccb
N/C
OP
OPB
Quick Reference Data
Characteristic
Units
Operating frequency
950 - 2150
MHz
Input DSB NF at max gain
8
dB
Maximum conversion gain
20
dB
Minimum conversion gain
-10
dB
IPIP32T
117
dB
µV
IPIP22T
127
dB
µV
Functional Description
The SL1914 is a bipolar, low noise AGC amplifier
designed primarily for application in satellite tuner front
ends. It contains a low noise input amplifier, an AGC
stage with a minimum of 30dB of gain control and a 75
Ohm output drive. It replaces all active circuitry in
conventional architectures.
.
The typical key performance numbers under nominal
load ambient and supply conditions are contained in
table headed Quick Reference Data.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com