Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1S Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MP1S
Description  Satellite Tuner Front End LNA with AGC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MP1S Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MP1S Datasheet HTML 1Page - Mitel Networks Corporation MP1S Datasheet HTML 2Page - Mitel Networks Corporation MP1S Datasheet HTML 3Page - Mitel Networks Corporation MP1S Datasheet HTML 4Page - Mitel Networks Corporation MP1S Datasheet HTML 5Page - Mitel Networks Corporation MP1S Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Preliminary Information
SL1914
Electrical Characteristics
Tamb= -20
o
C to +70
o
C, Vee= 0V, Vcc = 5V±5%, These characteristics are guaranteed by either production test
or design. They apply within the specified ambient temperature and supply voltage unless otherwise stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Supply current
1, 8
110
150
mA
AGC = 4V
Operating range
950
2150
MHz
Input impedance
2
75
Ω
IF input return loss
2
8
dB
Input DSB NF
2
7
9
dB
Maximum gain, AGC = 1V
Variation in NF with gain
-1
dB/dB
setting
Conversion gain
Differential power gain into 75
Ω
minimum
-10
dB
Vagc = 4V
See note 1.
maximum
21
dB
Vagc = 1V
dB
AGC monotonic from Vee to Vcc
Gain variation within
+0.5
dB
Maximum channel bandwidth of
channel
54MHz, within range 950 -
2150MHz
Input referred 1 dB gain
2
107
dB
µV
Minimum specified gain setting
compression
Input referred IP3
2
117
dB
µV
Minimum specified gain setting,
two tones at 99dB
µV
Input referred IP2
2
125
dB
µV
Minimum specified gain setting,
two tones at 99dB
µV
Variation in second and
-1
dB/dB
third order intermodulation
intercept points with gain
setting
AGC control slope
4
4:1
variation
AGC control input current
4
±350
µA
Output impedance
5, 6
75
Ω
Output return loss
5, 6
6
dB
Note 1: The AGC voltage should not exceed 4V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com