Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL3522 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SL3522
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL3522 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SL3522 Datasheet HTML 3Page - Mitel Networks Corporation SL3522 Datasheet HTML 4Page - Mitel Networks Corporation SL3522 Datasheet HTML 5Page - Mitel Networks Corporation SL3522 Datasheet HTML 6Page - Mitel Networks Corporation SL3522 Datasheet HTML 7Page - Mitel Networks Corporation SL3522 Datasheet HTML 8Page - Mitel Networks Corporation SL3522 Datasheet HTML 9Page - Mitel Networks Corporation SL3522 Datasheet HTML 10Page - Mitel Networks Corporation SL3522 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
SL3522
Fig.7 Video offset v. offset-adjust resistor (pin17 to gnd) across temperature
–1.00
1.25
1.00
.75
.50
.25
0.00
–.25
–.50
1.50
–.75
2200
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
Offset–adjust resistor (ohms)
Fig.8 Video slope v. gain-adjust resistor (pin19 to gnd) across temperature
10
28
26
24
22
20
18
16
14
30
12
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
Gain–adjust resistor (ohms)
2200
Fig.9 Network for attenuating limited RF output
10
RF O/P–
RF O/P+
RF O/P GND
9
8
1n
1n
R1
R1
50
50
SL3522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com