Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL6619 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # SL6619
Description  Direct Conversion FSK Data Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6619 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button SL6619 Datasheet HTML 9Page - Mitel Networks Corporation SL6619 Datasheet HTML 10Page - Mitel Networks Corporation SL6619 Datasheet HTML 11Page - Mitel Networks Corporation SL6619 Datasheet HTML 12Page - Mitel Networks Corporation SL6619 Datasheet HTML 13Page - Mitel Networks Corporation SL6619 Datasheet HTML 14Page - Mitel Networks Corporation SL6619 Datasheet HTML 15Page - Mitel Networks Corporation SL6619 Datasheet HTML 16Page - Mitel Networks Corporation SL6619 Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
SL6619
240
220
0
20
40
60
80
0·45
0·40
0·35
0·30
0·25
0·20
0·15
0·10
0·05
TEMPERATURE
°C
VCC = 3·0, 4·0
VCC = 1·3, 2·7
VCC = 1·0, 1·9
Fig. 6b Typical ICC2
Fig. 6a Typical ICC1
Conditions
Standard Mitel characterisation board (Fig. 5)
ICC1 includes IRF LNA current (typ. 500µA) but does not include the regulator load current
The Audio AGC and RF AGC are both inactive
ICC2 is measured with BATTFLAG and DATAS OP high, fC = 282MHz
VBATT connected to VCC1
Fig. 6 Typical ICC1 and ICC2 v. supply and temperature
240
220
0
20
40
60
80
2·00
1·80
1·60
1·40
1·20
1·00
0·80
0·60
0·40
0·20
TEMPERATURE
°C
VCC = 3·0, 4·0
VCC = 1·3, 2·7
VCC = 1·0, 1·9
TYPICAL DC PARAMETERS (FIGS. 6 TO 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com