Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL6140MP Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SL6140MP
Description  400MHz Wideband AGC Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6140MP Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SL6140MP Datasheet HTML 1Page - Mitel Networks Corporation SL6140MP Datasheet HTML 2Page - Mitel Networks Corporation SL6140MP Datasheet HTML 3Page - Mitel Networks Corporation SL6140MP Datasheet HTML 4Page - Mitel Networks Corporation SL6140MP Datasheet HTML 5Page - Mitel Networks Corporation SL6140MP Datasheet HTML 6Page - Mitel Networks Corporation SL6140MP Datasheet HTML 7Page - Mitel Networks Corporation SL6140MP Datasheet HTML 8Page - Mitel Networks Corporation SL6140MP Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
SL6140
SL6140
400MHz Wideband AGC Amplifier
Features
G 400MHz Bandwidth (R
L=50Ω)
G High voltage Gain 45dB (R
L=1kΩ)
G 70dB Gain Control Range
G High Output Level at Low Gain
G Surface Mount Plastic Package
G Low Cost
Applications
G RF/IF Amplifier
G High Gain Mixers
G Video Amplifiers
Description
The SL6140 is an integrated broadband AGC amplifier,
designed on an advanced bipolar process.
The
amplifier provides over 15dB of linear gain into 50
Ω at
400MHz. Gain control is also provided with over 70dB
of dynamic range. The SL6140 offers over 45dB of
voltage gain with an R
L of 1kΩ.
DS2159
Issue no 5.0
July 1999
Ordering Information
SL6140/NA/MP
Industrial temperature range
miniature plastic package
SL6140/NA/MPTC Tape and Reel
Figure 1 Typical Application
10n
10n
10n
10n
1.0 F
+VCC
2
6
5
4
37
+VCC
OUTPUT
OUTPUT
RL
RL
RAGC
AGC
INPUT
INPUT
SL6140
8
1
The SL6140 (Figure 3) is a high gain amplifier with an
AGC control capable of reducing the gain of the amplifier
by over 70dB. The gain is adjustable by applying a
voltage to the AGC input via an external resistor (R
AGC),
the value of which adjusts the curve of gain reduction
versus control voltage (see Figure 4). As the output
stage of the amplifier is an open collector the maximum
voltage gain is determined by R
L. With load resistance
of 1k
Ω the single ended voltage gain is 45dB and with a
load resistance of 50
Ω the voltage gain is 15dB (20log
10
V
OUT/VIN). Another parameter that depends on the load
resistance is the bandwidth: 25MHz for R
L = 1kΩ, as
compared with 400MHz for R
L = 50Ω. RL is chosen to
give either the required bandwidth or voltage gain for the
circuit.
Figure 7 through to 10 show the typical S parameters for
the device. Figures 11 and 12 show the typical variation
in 3rd order intercept performance with AGC.
In any application, the substrate should be connected to
the most negative point in the circuit, usually to the same
point as pin 3.


Similar Part No. - SL6140MP

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
400MHZ WIDEBAND AGC AMPLIFIER
SL6140NA ZARLINK-SL6140NA Datasheet
476Kb / 10P
400MHZ WIDEBAND AGC AMPLIFIER
SL6140NAMP ZARLINK-SL6140NAMP Datasheet
476Kb / 10P
400MHZ WIDEBAND AGC AMPLIFIER
SL6140NAMPTC ZARLINK-SL6140NAMPTC Datasheet
476Kb / 10P
400MHZ WIDEBAND AGC AMPLIFIER
More results

Similar Description - SL6140MP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1342 TRIQUINT-TGA1342 Datasheet
124Kb / 4P
2 -20 GHz Wideband AGC Amplifier
logo
Intersil Corporation
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
400MHz Quadrature Modulator and AGC
June 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
Zarlink Semiconductor I...
SL6140 ZARLINK-SL6140 Datasheet
476Kb / 10P
400MHZ WIDEBAND AGC AMPLIFIER
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC Datasheet
185Kb / 7P
2-20 GHz Wideband AGC Amplifier
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
Wideband LNA with AGC
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
2 20 GHz Wideband AGC Amplifier
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
RF/IF/Audio Amplifier Wideband Amplifier With AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com