Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL6679 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SL6679
Description  Direct Conversion FSK Data Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6679 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SL6679 Datasheet HTML 1Page - Mitel Networks Corporation SL6679 Datasheet HTML 2Page - Mitel Networks Corporation SL6679 Datasheet HTML 3Page - Mitel Networks Corporation SL6679 Datasheet HTML 4Page - Mitel Networks Corporation SL6679 Datasheet HTML 5Page - Mitel Networks Corporation SL6679 Datasheet HTML 6Page - Mitel Networks Corporation SL6679 Datasheet HTML 7Page - Mitel Networks Corporation SL6679 Datasheet HTML 8Page - Mitel Networks Corporation SL6679 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
2
SL6679
Pin number
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
Pin name
IRF
GND
MIXIP A
MIX DEC
MIXIP B
REG CNT
VREG
TPI
I1
I2
VCC1
LOIP I
GYRI
LOIP Q
Q1
Q2
TPQ
VREF
AFC OP
BEC
DATA OP
VCC2
BATT FLAG
AFC1
AFC2
BRF CNT
BRF1
VBATT
TP LIM I
IAGC OP
TC ADJ
GTH ADJ
LNA current source
Ground
Mixer input A
Mixer biasing decouple
Mixer input B
1V regulator control external PNP drive
1V regulator output voltage
I channel pre-gyrator filter test point.
Mixer output, I channel
Mixer output, I channel
Positive supply 1
LO input channel I
Gyrator current adjust pin
LO input channel Q
Mixer output, Q channel
Mixer output, Q channel
Q channel pre-gyrator filter test point
Reference voltage
AFC output
Battery economy control
Data output pin
Positive supply 2
Battery flag output
AFC characteristic defining pin
AFC characteristic defining pin
Bit rate filter control
Bit rate filter 1, output from detector
Battery flag input voltage
I channel limiter (post gyrator filter) test point, output only
Audio AGC output current
Audio AGC time constant adjust
Audio AGC gain and threshold adjust. RSSI signal indicator
Pin description
Table 1 SL6679 pin descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com