Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL6140MPTC Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SL6140MPTC
Description  400MHz Wideband AGC Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6140MPTC Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SL6140MPTC Datasheet HTML 2Page - Mitel Networks Corporation SL6140MPTC Datasheet HTML 3Page - Mitel Networks Corporation SL6140MPTC Datasheet HTML 4Page - Mitel Networks Corporation SL6140MPTC Datasheet HTML 5Page - Mitel Networks Corporation SL6140MPTC Datasheet HTML 6Page - Mitel Networks Corporation SL6140MPTC Datasheet HTML 7Page - Mitel Networks Corporation SL6140MPTC Datasheet HTML 8Page - Mitel Networks Corporation SL6140MPTC Datasheet HTML 9Page - Mitel Networks Corporation SL6140MPTC Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
SL6140
Figure 12 3rd Order Intercept Point Against Gain Reduction At 100.0MHz and 104.0MHz
Figure 13 50MHz Noise Figure Test Circuit
1nF
1
8
L2
O/P
4
5
6
L1
1nF
3
7
2
+12V
VARIABLE CAPS 3-25pF
L1 7 TURNS # 18 SWG
8mm DIA 16mm LONG
L2 6 TURNS # 16 SWG
14mm DIA 19mm LONG



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com