Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL6619TP1Q Datasheet(PDF) 16 Page - Mitel Networks Corporation

Part # SL6619TP1Q
Description  Direct Conversion FSK Data Receiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6619TP1Q Datasheet(HTML) 16 Page - Mitel Networks Corporation

Back Button SL6619TP1Q Datasheet HTML 12Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 13Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 14Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 15Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 16Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 17Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 18Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 19Page - Mitel Networks Corporation SL6619TP1Q Datasheet HTML 20Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
SL6619
240
220
0
20
40
60
80
1·1
1·08
1·06
1·04
TEMPERATURE
°C
VCC = 2·7
VCC = 2·3
VCC = 1·9
VCC = 3·5
Conditions
Standard Mitel characterisation board (Fig. 5)
ICC1 includes IRF LNA current (typ. 500µA) but does not include the regulator load current
The Audio AGC and RF AGC are both inactive
ICC2 is measured with BATTFLAG and DATAS OP high, fC = 282MHz
VBATT connected to VCC1
Fig. 9 Typical battery flag trigger voltage (VBATTFLAG = VCC/2) v. supply and temperature
240
220
0
20
40
60
80
2124·00
2126·00
2128·00
2130·00
TEMPERATURE
°C
VCC = 3·0, 4·0
VCC = 1·3, 2·7
VCC = 1·0, 1·9
TYPICAL AC PARAMETERS (FIGS. 10 TO 13)
Conditions
282 Mitel characterisation board (Fig. 5), fC = 282MHz
1200bps baud rate, 4kHz peak deviation frequency, BER 1 in 30
The LNA gain is set such that an RF signal of 273dBm at the LNA input, offset from the LO by 4kHz, gives a typical signal
level of 300mVp-p at TPI and TPQ
Fig. 10 Typical sensitivity v. supply and temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com