Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44813 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44813
Description  High Performance Bulkhead Type N Female Solder / Clamp connectors for PE-P142LL Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44813 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44813 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44813 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44813 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
ASTM-B488, 50µ in. minimum
Insulation
PEI
Outer Conductor
Passivated Stainless Steel
SAE-AMS-2700
Body
Passivated Stainless Steel
SAE-AMS-2700
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
01/01/1753
Plotted and Other Data
Notes:
High Performance Bulkhead Type N Female Solder /Clamp connectors for PE-P142LL Coax from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Bulkhead Mount Precision Connector Clamp/Solder Attachment for PE-P142LL
PE44813
URL:
http://www.pasternack.com/n-female-pe-p142ll-connector-pe44813-p.aspx
PE44813 REV 1.0
RF Connectors Technical Data Sheet
PE44813
High Performance Bulkhead Type N Female Solder /
Clamp connectors for PE-P142LL Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com