Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G2011 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2011
Description  2-Channel DC Motor Driver for Toy
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2011 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2011 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.5
May 28, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2011
Global Mixed-mode Technology
2-Channel DC Motor Driver for Toy
Features
Independent
2-Channel
H-bridge
drivers
built-in power PMOS and NMOS.
All the drivers with forward, reverse, stop
and brake function.
Low stand-by and operating current.
Low on-resistance. (1
Ω)
Low voltage operation.
Built-in thermal shutdown function.
Package SOP-16 & DIP-16
Applications
Toy Motor Driver
General Description
The G2011 is a 2-channel H-bridge drivers IC for DC
motor application. It has the features of low stand-by
current, low operating current, large current output and
low RDSON. Those features make it suitable for toy.
The G2011 is available in 16-pin SOP & DIP package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2011P31U
G2011
-20°C to +85°C
SOP-16
G2011Z41U
G2011
-20°C to +85°C
DIP-16
Note: P3: SOP-16
Z4: DIP-16
1: Bonding Code
U: Tube & Reel
Pin Configuration
Typical Application Circuit
IN2B
PGND2
VM2
AGND
OUT1B
IN1B
AGND
VM1
PGND1
G2011
IN2A
SOP-16
13
16
15
5
6
7
8
9
10
11
12
1
4
3
2
14
OUT1A
VCC
OUT2B
OUT2A
IN1A
VCC
VM
VCC
3V
IN1A
IN1B
IN2A
IN2B
10µF
16V
0.1µF
0.1µF
10µF
16V
7
5
15
13 IN1A
IN1B
IN2A
IN2B
8/16
6/14
9
1
AGND
G2011
VCC
VM2
VM1
OUT1A
OUT1B
OUT2A
OUT2B
AGND
PGND1
PGND2
10
2
8/16
11
12
3
4
0.1µF
0.1µF
DCM2
DCM1
VM
6V
VCC
3V
IN1A
IN1B
IN2A
IN2B
10µF
16V
0.1µF
0.1µF
10µF
16V
7
5
15
13 IN1A
IN1B
IN2A
IN2B
8/16
6/14
9
1
AGND
G2011
VCC
VM2
VM1
OUT1A
OUT1B
OUT2A
OUT2B
AGND
PGND1
PGND2
11
3
8/16
10
12
2
4
0.1µF
0.1µF
DCM2
DCM1
IN2B
OUT2B
VM2
AGND
PGND1
IN1B
AGND
VM1
OUT1B
G2011
IN2A
DIP-16
13
16
15
5
6
7
8
9
10
11
12
1
4
3
2
14
OUT1A
VCC
PGND2
OUT2A
IN1A
VCC
IN2B
PGND2
VM2
AGND
OUT1B
IN1B
AGND
VM1
PGND1
G2011
IN2A
SOP-16
13
16
15
5
6
7
8
9
10
11
12
1
4
3
2
14
OUT1A
VCC
OUT2B
OUT2A
IN1A
VCC
VM
VCC
3V
IN1A
IN1B
IN2A
IN2B
10µF
16V
0.1µF
0.1µF
10µF
16V
7
5
15
13 IN1A
IN1B
IN2A
IN2B
8/16
6/14
9
1
AGND
G2011
VCC
VM2
VM1
OUT1A
OUT1B
OUT2A
OUT2B
AGND
PGND1
PGND2
10
2
8/16
11
12
3
4
0.1µF
0.1µF
DCM2
DCM1
VM
6V
VCC
3V
IN1A
IN1B
IN2A
IN2B
10µF
16V
0.1µF
0.1µF
10µF
16V
7
5
15
13 IN1A
IN1B
IN2A
IN2B
8/16
6/14
9
1
AGND
G2011
VCC
VM2
VM1
OUT1A
OUT1B
OUT2A
OUT2B
AGND
PGND1
PGND2
11
3
8/16
10
12
2
4
0.1µF
0.1µF
DCM2
DCM1
IN2B
OUT2B
VM2
AGND
PGND1
IN1B
AGND
VM1
OUT1B
G2011
IN2A
DIP-16
13
16
15
5
6
7
8
9
10
11
12
1
4
3
2
14
OUT1A
VCC
PGND2
OUT2A
IN1A
VCC


Similar Part No. - G2011

ManufacturerPart #DatasheetDescription
logo
Heyco.
G2011 HEYCO-G2011 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
More results

Similar Description - G2011

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4202B SIEMENS-TLE4202B Datasheet
106Kb / 14P
2-A DC Motor Driver
logo
Sanyo Semicon Device
STK6972C SANYO-STK6972C Datasheet
139Kb / 1P
DC MOTOR DRIVER (2-CHANNELS)
logo
Aimtron Technology
AT5550 AIMTRON-AT5550 Datasheet
264Kb / 10P
2-Channel Motor Driver for DSC
AT5562 AIMTRON-AT5562 Datasheet
408Kb / 13P
2-channel DC Motor Driver For Toy
logo
Global Mixed-mode Techn...
G2010 GMT-G2010 Datasheet
90Kb / 1P
1-Channel DC Motor Driver for Toy
G2024 GMT-G2024 Datasheet
120Kb / 1P
1-Channel DC Motor driver for DSC
logo
Unisonic Technologies
UMD9112 UTC-UMD9112 Datasheet
153Kb / 7P
ELECTRIC TOY DC MOTOR DRIVE CIRCUIT
logo
List of Unclassifed Man...
L9110 ETC2-L9110 Datasheet
313Kb / 5P
2-CHANNEL MOTOR DRIVER
logo
Jiaxing Heroic Technolo...
HR1124S HEROIC-HR1124S Datasheet
189Kb / 3P
Toy single channel DC motor driver
logo
Shenzhen Huazhimei Semi...
HM2526 HMSEMI-HM2526 Datasheet
1Mb / 14P
Toy motor drive with 1-2 Lithium-ion battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com