Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC281 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC281
Description  High-Friquency General-Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC281 Datasheet(HTML) 4 Page - ON Semiconductor

  2SC281 Datasheet HTML 1Page - ON Semiconductor 2SC281 Datasheet HTML 2Page - ON Semiconductor 2SC281 Datasheet HTML 3Page - ON Semiconductor 2SC281 Datasheet HTML 4Page - ON Semiconductor 2SC281 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC2814
Rev.0 I Page 4 of 5 I www.onsemi.com
1.0
3
2
10
7
5
3
2
Forward transfer admittance
yfe -- VCE
ITR05141
23
1.0
57
10
2
IC=1mA
f=100MHz
Output Admittance
yoe -- VCE
ITR05142
1.0
22
35
7
10
1.0
0.1
5
3
2
3
2
7
5
gfe
--bfe
IC=1mA
f=100MHz
coe
goe
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Voltage, VCE –V
VCE=6V
f=100MHz
Output Admittance
yoe -- IC
ITR05146
Forward transfer admittance
yfe -- IC
100
3
3
7
5
10
2
3
7
5
2
5
1.0
72
3
5
7
VCE=6V
f=100MHz
ITR05145
5
3
1.0
72
3
5
7
1.0
0.1
5
3
2
3
2
7
5
VCE=6V
f=100MHz
ITR05144
Input Admittance
yie -- IC
1.0
5
3
2
3
2
10
7
5
35
2
1.0
73
5
7
VCE=6V
f=100MHz
ITR05143
Reverse transfer admittance
yre -- IC
3
3
2
100
7
5
3
3
2
1.0
7
5
37
5
1.0
3
27
5
cie
g ie
gre
cre
g fe
g oe
coe
0
30
28
26
24
22
20
18
16
6
4
2
PG, NF -- IC
ITR05147
35
7
1.0
35
7
10
2
VCE=6V
f=100MHz
See specified
Test Circuit.
NF
PG
--b
fe
Collector Current, IC – mA
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA
Collector Current, IC –mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com