Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP5848 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP5848
Description  2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5848 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP5848 Datasheet HTML 1Page - Mitel Networks Corporation SP5848 Datasheet HTML 2Page - Mitel Networks Corporation SP5848 Datasheet HTML 3Page - Mitel Networks Corporation SP5848 Datasheet HTML 4Page - Mitel Networks Corporation SP5848 Datasheet HTML 5Page - Mitel Networks Corporation SP5848 Datasheet HTML 6Page - Mitel Networks Corporation SP5848 Datasheet HTML 7Page - Mitel Networks Corporation SP5848 Datasheet HTML 8Page - Mitel Networks Corporation SP5848 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SP5848
Preliminary Information
Figure 2 Pin Connections
QP20
PORT P1
CHARGE PUMP 2
DRIVE 2
Vee 2
RF2 INPUT
RF2 INPUT
Vcc2
CRYSTAL
CRYSTAL CAP
Vee
PORT P0
CHARGE PUMP 1
DRIVE 1
Vee 1
RF1 INPUT
RF1 INPUT
Vcc1
ENABLE
DATA
CLOCK
Electrical Characteristics
Tamb= -40
o
C to +80
o
C, Vcc = 4.5 to 5.5 V, These characteristics are guaranteed by either production test or design.
They apply within the specified ambient temperature and supply voltage unless otherwise stated.
Characteristic
Pin
Value
Units
Conditions
Min
Typ
Max
Supply voltage
7, 14
4.5
5.5
V
Supply current
18
22
mA
Synthesiser 1 (UP)
RF1 input voltage
15,16
40
300
mV
rms
80 -2200MHz
RF1 input impedance
15,16
See Figure 4
RF1 division ratio
240
32767
Reference division 1
See Table 1
ratio
Comparison frequency 1
4
MHz
Equivalent phase noise
-148
dBc/Hz
SSB, within loop bandwidth, all
at phase detector 1
comparison frequencies
Charge pump 1 output
19
See Table 3
current
Vpin 19=2V
Charge pump 1 output
19
±3
±10
nA
Vpin19 = 2V
leakage
Charge pump 1 drive
18
0.5
mA
Vpin 18 = 0.7V
output current



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com