Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS520P Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SCS520P
Description  0.5AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SCS520P Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SCS520P Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SCS520P Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS0520P THRU
VOLTAGE 20V ~ 100V
0.5AMP Schottky Barrier Rectifiers
SCS05100P
FEATURES
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250 C for 10 Seconds At Terminals
Low Forward Voltage
.
...
.
PACKAGE DIMENSIONS
SOD–123P
PLASTIC PACKAGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
20
30
40
60
80
100
Operating Temperature Range TJ
Storage Temperature Range TSTG
UNITS
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
SCS05100P
SCS0580P
SCS0560P
SCS0540P
SCS0530P
20
100
80
60
40
30
V
Working Peak Reverse Voltage
V
Maximum DC Blocking Voltag
100
80
60
40
30
V
Average Forward Current (I
@ T =90 C)
Reak Forward Current (I
@ 8.3ms half sine)
Maximum Instantaneous Forward Voltage
(V @I
= 0.5A , T = 25 C)
Maximum DC Reverse Current
At Rated DC Blocking Voltage (IR @ T j = 25 C)
Typical Junction Capacitance (C )
0.5
5.5
0.83
0.65
0.52
0.2
30
A
A
V
mA
pF
F(AV)
FSM
J
F
FM
A
J
-5
0 +150
-65
+175
C
C
20
0.45
SCS0520P
Marking Code
SCS0520P
BB or B2
SCS0530P
BH or B3
SCS0540P
BJ or B4
SCS0560P
BS
CSC05100P
BT
.112(2.85)
.100(2.55)
.140(3.55)
.140(3.85)
.010(0.25)MAX.
.037(0.95)
.053(1.35)
.006(0.15)MAX.
.006(0.15)MIN.
PB FREE PRODUCT


Similar Part No. - SCS520P

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SCS520CS-30T5G WILLAS-SCS520CS-30T5G Datasheet
361Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers - 30V
logo
SeCoS Halbleitertechnol...
SCS520DS SECOS-SCS520DS Datasheet
115Kb / 2P
0.1 A, 30 V Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS520DZ SECOS-SCS520DZ Datasheet
303Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SCS520DZ SECOS-SCS520DZ_15 Datasheet
313Kb / 2P
Surface Mount Schottky Barrier Rectifiers
SCS520G SECOS-SCS520G Datasheet
296Kb / 2P
0.1 Amp Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - SCS520P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
B0520LW TSC-B0520LW Datasheet
566Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
B0520WS TSC-B0520WS_1 Datasheet
243Kb / 2P
0.5AMP Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS551V-30 SECOS-SCS551V-30 Datasheet
444Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
B0520LW LUGUANG-B0520LW Datasheet
174Kb / 2P
0.5AMP. Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SR002 TSC-SR002_13 Datasheet
245Kb / 4P
0.5AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS551V SECOS-SCS551V_15 Datasheet
445Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
CHENG-YI ELECTRONIC CO....
SCS551V CHENG-YI-SCS551V Datasheet
467Kb / 2P
0.5AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MSCD052-C SECOS-MSCD052-C Datasheet
157Kb / 3P
0.5Amp Surface Mount Schottky Barrier Rectifiers
logo
Rectron Semiconductor
B0520LW RECTRON-B0520LW Datasheet
283Kb / 5P
0.5AMP Surface Mount Schottky Barrier Rectifiers
B0520LWV RECTRON-B0520LWV Datasheet
335Kb / 5P
0.5AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com