Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8714IGMPAC Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP8714IGMPAC
Description  2100MHz Very Low Current Multi-Modulus Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8714IGMPAC Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP8714IGMPAC Datasheet HTML 1Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 2Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 3Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 4Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 5Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 6Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 7Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 8Page - Mitel Networks Corporation SP8714IGMPAC Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SP8714
Fig. 6 Typical S11 parameter for pin 1. VCC = +5.0V
Fig. 5 Toggle frequency test circuit
VCC
VCC
RF INPUT
POWER
DOWN
RATIO
SELECT
MC
RF INPUT
OUTPUT
MODULUS
CONTROL 1 INPUT
1n
1n
10n
10n
100n
C L
50
Ω
MONITOR
50
Ω
SIGNAL
SOURCE
SP8714
OUTPUT
MODULUS
CONTROL 2 INPUT
V EE
S11
PLOT 50 OHM
NORMALISED
f1: 130MHz
f2: 2.49GHz
j0.2
j0.5
j1
j2
-j0.2
-j0.5
-j2
-j1
f1
0.2
0.5
1
2
f2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com