Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8715IGMPAS Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8715IGMPAS
Description  1100MHz Very Low Current Multi-Modulus Divider
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8715IGMPAS Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8715IGMPAS Datasheet HTML 1Page - Mitel Networks Corporation SP8715IGMPAS Datasheet HTML 2Page - Mitel Networks Corporation SP8715IGMPAS Datasheet HTML 3Page - Mitel Networks Corporation SP8715IGMPAS Datasheet HTML 4Page - Mitel Networks Corporation SP8715IGMPAS Datasheet HTML 5Page - Mitel Networks Corporation SP8715IGMPAS Datasheet HTML 6Page - Mitel Networks Corporation SP8715IGMPAS Datasheet HTML 7Page - Mitel Networks Corporation SP8715IGMPAS Datasheet HTML 8Page - Mitel Networks Corporation SP8715IGMPAS Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
SP8715
Figure 2 Pin Connections
MP8
Absolute Maximum Ratings
Supply voltage (VEE=0V)
(note 1)
-0.5V to 7V
Control and RF inputs,
RF output (VEE =0V)
(note 1)-0.5V to VCC+0.5V
RF input current
(note 1)
10mA
Operating temperature
-40
°C to +85°C
Storage temperature range
-55
°C to +150°C
Maximum junction temperature
+150
°C
NOTE 1. Duration <2 minutes.
Electrical Characteristics
Guaranteed over the following conditions (unless otherwise stated):
VCC=+2.7V to +5.25V (with respect to VEE), Output load (pin 4) = 10pF, Tamb = -40°C to +85°C (note 2)
Characteristic
Units
Conditions
Supply current
(note 3)
3.6
4.2
mA
Power down input low
Supply current
(note 3)
8
50
µA
Power down input high
Power down high
VCC-0.5
VCC
V
Power down low
0
VCC-2.0
V
Modulus control high
(note 4)
0.6VCC
VCC
V
Divide by 64 or 128
Modulus control low
(note 4)
0
0.4VCC
V
Divide by 65 or 129
Ratio select high
(note 4, 9)
0.6VCC
VCC
V
Divide by 64 or 65
Ratio select low
(note 4, 9)
0
0.4VCC
V
Divide by 128 or 129
Max. sinewave input frequency
1100
MHz
See Figure 5
Min. sinewave input frequency
200
MHz
See Figure 5
Min. RF input voltage
50
mV RMS RF input 200MHz to
1100MHz. See Figure 5
Max. RF input voltage
200
mV RMS RF input 200MHz to
1100MHz. See Figure 5
Value
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com