Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8715IGMPAC Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP8715IGMPAC
Description  1100MHz Very Low Current Multi-Modulus Divider
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8715IGMPAC Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP8715IGMPAC Datasheet HTML 1Page - Mitel Networks Corporation SP8715IGMPAC Datasheet HTML 2Page - Mitel Networks Corporation SP8715IGMPAC Datasheet HTML 3Page - Mitel Networks Corporation SP8715IGMPAC Datasheet HTML 4Page - Mitel Networks Corporation SP8715IGMPAC Datasheet HTML 5Page - Mitel Networks Corporation SP8715IGMPAC Datasheet HTML 6Page - Mitel Networks Corporation SP8715IGMPAC Datasheet HTML 7Page - Mitel Networks Corporation SP8715IGMPAC Datasheet HTML 8Page - Mitel Networks Corporation SP8715IGMPAC Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
SP8715
Thi
h
t
i
l t
l
id Th
l
Figure 3 Typical Input Characteristics
Ratio
Modulus
Division
Select
Control
Ratio
(Pin 3)
(Pin 6)
L
L
129
L
H
128
HL
65
HH
64
TYPICAL
SENSITIVITY
TYPICAL
OVERLOAD
1000
800
600
400
200
0
200
400
600
800
1000
1200
* Tested as specified in table of Electrical Characteristics
FREQUENCY (MHZ)
GUARANTEED*
OPERATING WINDOW
Table 1 Truth Table
Figure 4 Modulus Control Timing Diagram
RF INPUT
CLOCK
MODULUS
CONTROL
INPUTS
OUTPUT
t s
t h
32 (64)
32 (64) or 33 (65)
DON'T CARE
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com