Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8804 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8804
Description  3.3GHz 첨 4 fixed Modulus Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8804 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8804 Datasheet HTML 1Page - Mitel Networks Corporation SP8804 Datasheet HTML 2Page - Mitel Networks Corporation SP8804 Datasheet HTML 3Page - Mitel Networks Corporation SP8804 Datasheet HTML 4Page - Mitel Networks Corporation SP8804 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Advance Information
SP8804
3
Figure 5 Typical input impedance
18
27
36
45
SP8804
50
Ω
POWER
METER
RATIO
COUNTER
1n
1n
+5V
COAXIAL
SWITCH
0.1
µ
50
Ω
SIGNAL
GENERATOR
FROM
OUTPUT
0.1
µ
470
3p
OUTPUT LOAD FOR
AMPLITUDE MEASUREMENTS
Figure 4 Test circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com