Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8830 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8830
Description  1.5GHz 첨 10 Prescaler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8830 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8830 Datasheet HTML 1Page - Mitel Networks Corporation SP8830 Datasheet HTML 2Page - Mitel Networks Corporation SP8830 Datasheet HTML 3Page - Mitel Networks Corporation SP8830 Datasheet HTML 4Page - Mitel Networks Corporation SP8830 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SP8830
Advance Information
Electrical Characteristics
Unless otherwise stated, the Electrical Characteristics are guaranteed over specified supply, frequency and
temperature range
Supply voltage, VCC -4·75V to +5·25V
Temperature, T
AMB = -55°C to +125°C (A Grade), -40°C to +85°C (B Grade)
Characteristic
Supply current, ICC
Input sensitivity, 100MHz to
1500MHz
Input impedance (series equivalent)
Output voltage with fIN = 100MHz
Output voltage with fIN = 1500MHz
0·7
Value
Typ.
Max.
Min.
Units
Pin
40
50
2
1
0·4
50
100
mA
mV
Ω
pF
V p-p
V p-p
RMS sinewave, measured in 50
Ω
system. See Figs 3 and 4.
See Fig. 5
Conditions
1
2, 3
2, 3
6, 7
6, 7
400
150
100
50
100
500
1000
1500
2000
FREQUENCY (MHz)
* Tested as specified
in table of Electrical
Characteristics
GUARANTEED
*
OPERATING
WINDOW
Figure 3 Typical input sensitivity
Figure 2 Pin connections
VCC
INPUT
INPUT
NC
NC
OUTPUT
OUTPUT
GND
1
2
3
4
8
7
6
5
DG8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com