Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8808ADG Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # SP8808ADG
Description  3.3GHz 첨 8 Fixed Modulus Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8808ADG Datasheet(HTML) 2 Page - Mitel Networks Corporation

  SP8808ADG Datasheet HTML 1Page - Mitel Networks Corporation SP8808ADG Datasheet HTML 2Page - Mitel Networks Corporation SP8808ADG Datasheet HTML 3Page - Mitel Networks Corporation SP8808ADG Datasheet HTML 4Page - Mitel Networks Corporation SP8808ADG Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP8808
Advance Information
2
Electrical Characteristics
Guaranteed over the temperature range T
amb -55°C to +125°C (see note) and supply voltage range 4.75V
to 5.25V. Tested at T
amb = -55°C and +110°C, VCC = 4.75V and 5.25V.
Supply current
Input sensitivity
0.65GHz to 2.8GHz
3.3GHz
Input impedance (series equivalent)
Output Voltage with f
in =1000MHz
Output Voltage with f
in = 3GHz
1
2, 3
2, 3
6, 7
6, 7
69
50
2
1
0.4
mA
mV
mV
Ω
pF
Vp-p
Vp-p
V
CC = 5V
RMS sinewave
measured in 50 ohm system.
See Figs. 3 & 4
V
CC = 5V
V
CC = 5V load as Fig. 4
Pin
Characteristic
Conditions
Min
Typ
Max
Units
Value
NOTE: Devices must be used with a suitable heatsink to maintain chip temperature below 175
°C when
operating at T
amb>110°C.
500
400
300
200
100
VIN (mV RMS
INTO 50 OHMS)
1
2
3
4
,,











FREQUENCY (GHz)
Tested as
specified in Table
of electrical
characteristics
*
GUARANTEED*
OPERATING
WINDOW
Figure 3 Typical input sensitivity
DG8
Figure 2 Pin connections
NC
GND
INPUT
OUTPUT
INPUT
OUTPUT
VCC
5
6
7
8NC
4
3
2
1
85
175
400
0.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com