Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8858IGHPAS Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # SP8858IGHPAS
Description  1쨌5GHz Professional Synthesiser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8858IGHPAS Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button SP8858IGHPAS Datasheet HTML 9Page - Mitel Networks Corporation SP8858IGHPAS Datasheet HTML 10Page - Mitel Networks Corporation SP8858IGHPAS Datasheet HTML 11Page - Mitel Networks Corporation SP8858IGHPAS Datasheet HTML 12Page - Mitel Networks Corporation SP8858IGHPAS Datasheet HTML 13Page - Mitel Networks Corporation SP8858IGHPAS Datasheet HTML 14Page - Mitel Networks Corporation SP8858IGHPAS Datasheet HTML 15Page - Mitel Networks Corporation SP8858IGHPAS Datasheet HTML 16Page - Mitel Networks Corporation SP8858IGHPAS Datasheet HTML 17Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
SP8858
Integrated circuits
SP8858 1·5GHz synthesiser
OP27 Operational amplifier
HC00
HC08
HC20
HC74
HC165 (6 off)
HC193 (2 off)
Leaded resistors and capacitors
R1, C4 and C6: Application specific to define the loop filter
characteristic (no components fitted)
R2: 6·8k
Ω
C1, C2, C7 and C10: 10
µF Tantalum
C3, C5, C8 and C9: 0·1
µF Ceramic
Chip resistors (0805)
R3, R12, and R13: 3·3k
Ω
R4:10k
Ω
R5, R6 and R7: 15
Ω
R8: 100
Ω
R10: 2·2k
Ω
R11: No component
Chip capacitors (0805)
C11 through C26, C28, C29, C33, C34, C36 through C39,
C41 and C42: 0·1
µF
C14: 1nF
C32: 220pF
C40 and C43: 100pF
C27, C30, C31 and C35: No components
Miscellaneous
Murata MQE001-106 VCO
40MHz crystal oscillator
1MHz clock oscillator for programmer logic
PCB keyboard switch (SEND)
Slide switches (3 off) (SELECT, F1/F2, POWER DOWN)
16-pin DIL switch (6 off) (SIL a, b, c, d, e and f)
SMA PCB mounting socket (3 off)
Table 5. Demonstration board parts list
APPENDIX A: SP8853 TO SP8858
The SP8858 is not a drop-in replacement for the SP8853;
minor modifications will be required to a SP8853-based
design if the SP8858 is to be used in its place. The changes
mainly affect the charge pump output pins as shown in Table
6 below. The SP8858 has only one charge pump output.
In addition the modifications have:
q
Increased the operating frequency range for both the RF
and reference input
q
Simplified the lock detect circuit
q
Increased the maximum charge-pump current specification
to 2mA. Recalculate the loop filter components using
formula in Application section.
PIn No.
1
3
25
26
SP8853
Internally connected
PD1 output
PD2 output
NC
SP8858
NC
NC
CP OUTPUT
CP REF
Table 6
REFERENCES
1. Knights P.J.,
Analysis and Design of a SP8858 Digital PLL
Synthesiser for Low Phase Noise, Proceeding of RF Expo
East 1994, Nov 1994.
2. Gardener F.M.,
Phaselock Technique, Wiley 1979.
3. Rohde U.L.,
Digital Frequency Synthesisers Theory and
Design, Prentice Hall 1983.
4. Manassewitsch V.,
Frequency Synthesisers Theory and
Design, Wiley 1980.
5. Philips C.L. and Harbur R.D.,
Feedback Control Systems,
Prentice Hall 1991.
6. Scherer D.,
Learn About Low Noise Design, Microwave
April 1979 p.116.
7. Robins W.P.,
Phase Noise in Signal Sources, Peter
Peregrineus Ltd. (IEE) 1991.
8. Breed G.A. (ed.),
Frequency Synthesis Handbook, A
Collection from RF Design, Cardiff Publishing Co. May
1992.
9. AN194,
The SP8858 Synthesiser: Design for Low Phase
Noise, Mitel Semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com