Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP216 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # VP216
Description  Dual 90MHz 6-Bit Analog to Digital Converter with VCO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP216 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  VP216 Datasheet HTML 1Page - Mitel Networks Corporation VP216 Datasheet HTML 2Page - Mitel Networks Corporation VP216 Datasheet HTML 3Page - Mitel Networks Corporation VP216 Datasheet HTML 4Page - Mitel Networks Corporation VP216 Datasheet HTML 5Page - Mitel Networks Corporation VP216 Datasheet HTML 6Page - Mitel Networks Corporation VP216 Datasheet HTML 7Page - Mitel Networks Corporation VP216 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VP216
4
An on-chip bandgap voltage reference circuit combined with two op amps provide all the necessary bias voltages f
ence is taken out to pin 25, VRB.
PIN DESCRIPTIONS - 44 Pin J-lead PLCC package
Pin
Name
Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
AVCC 1
AVCC 1
AGND1
AGND1
AGND1
VRT
VRM
VRB
AVCC2
AGND2
COMP-I
AIN-I
AGND3
AVCC3
COMP-Q
AIN-Q
AGND4
AVCC4
AGC
BIAS
TANK
CLKSEL
AVCC5
AGND5
CLKIN
N.C.
CLKOUT
N.C.
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DGND
DVCC
DI0
DI1
DI2
DI3
DI4
DI5
N.C.
N.C.
Analog voltage supply for the 6-bit ADCs
Analog voltage supply for the 6-bit ADCs
Analog ground
Analog ground
Analog ground
3.5V reference voltage - ladder top
Reference voltage - ladder middle
2.5V reference voltage - ladder bottom
Analog voltage supply for the reference bias circuits
Analog ground
Capacitor compensation - I channel
Analog signal input - I channel
Analog ground for the I channel buffer amplifier
Analog voltage supply for the I channel buffer amplifier
Capacitor compensation - Q channel
Analog signal input - Q channel
Analog ground
Analog voltage supply for the Q channel buffer amplifier
AGC control voltage
Input bias voltage
Tank circuit connection
Clock select - VCO or external clock
Analog voltage supply for the VCO
Analog ground
Clock input positive
Not connected
Clock output positive
Not connected
Digital TTL output - LSB -Q channel
Digital TTL output - MSB - Q channel
Digital ground
Digital voltage supply
Digital TTL output - LSB - I channel
Digital TTL output - MSB - I channel
Not connected
Not connected
Table 1: Pin descriptions



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com