Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP520SCG Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # VP520SCG
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520SCG Datasheet(HTML) 2 Page - Mitel Networks Corporation

  VP520SCG Datasheet HTML 1Page - Mitel Networks Corporation VP520SCG Datasheet HTML 2Page - Mitel Networks Corporation VP520SCG Datasheet HTML 3Page - Mitel Networks Corporation VP520SCG Datasheet HTML 4Page - Mitel Networks Corporation VP520SCG Datasheet HTML 5Page - Mitel Networks Corporation VP520SCG Datasheet HTML 6Page - Mitel Networks Corporation VP520SCG Datasheet HTML 7Page - Mitel Networks Corporation VP520SCG Datasheet HTML 8Page - Mitel Networks Corporation VP520SCG Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VP520S
2
VIDEO COMPRESS MODE ( DECIMATE )
This mode is used when CCIR601 video is to be converted
to CIF or QCIF spatial resolution prior to compression. Incom-
ing luminance and chrominance data does not need any prior
buffering, but must meet the timing requirements given in
Figure 2. A bit in Control register 1 allows the Cb component
to precede the Cr component if necessary. This data is passed
through vertical and horizontal decimating filters before it is
stored in an external frame store. When a complete field has
been decimated it is read out in macroblock format and
transferred to the next system component.
In this mode HREF, VREF, and FREF are normally inputs
which are used to reference active video with respect to video
synchronization pulses. The active going edges are used
internally, and these must meet the set up time with respect to
the system clock as given in Figure 2. Stable inputs are
needed with no jitter due to asynchronous pixel clocks, but
when this is not possible an external FIFO can be used plus
two extra signals as described later. The reference inputs
need only stay active for one system clock period. Note that
the active going edges for HREF and VREF can individually
be defined to be high going or low going, through two bits in
Control Register 0. Also note that CREF is always an input and
is used as a qualifier for SCLK. The actual edges of CREF are
not used.
The internal sync generator can still be used in this mode,
if there is a need to supply sync to the video source. The HREF
and VREF pins are then used to output HSYNC and VSYNC.
Composite sync is supplied on the CSYNC pin.
In addition the CLMP pin provides a pulse [13 SCLK's
wide] which can be used to DC restore the black level in an A/
D converter. It is active high during the back porch.
The horizontal blanking output (HBLANK) defines when
the device expects the first pixel in a line to be supplied, and
is derived from the user supplied HREF input. The delay
between HREF and HBLANK is user definable in multiples of
CREF periods. If the defined value is zero then the HREF input
must be horizontal blanking with the minimum set time speci-
fied. The HBLANK output is then not defined.
All data changes are referenced to the system clock. The
edge actually used is indicated by the CREF input signal,
which has a period of double the clock period. The VP520S will
strobe in data on the rising edge of the system clock which
occurs whilst CREF is high.
PIN DESCRIPTION
NAME
TYPE
FUNCTION
Y7:0
I/O
Luminance input or output bus
C7:0
I/O
Chrominance input or output bus
M7:0
I/O
Macroblock input or output bus
D15:0
I/O
16 bit data bus for DRAM frame store
A7:0
O
Multiplexed address bus to the DRAM
A8
O
Most sig address bit or second CAS
RAS
O
Row strobe for the DRAM's
CAS
O
Column strobe for the DRAM's
R/
W
O
Read/ write signal to the DRAM's
HREF
I/O
Horiz. reference in or horiz. sync out
VREF
I/O
Vertical reference in or vertical sync out
CREF
I/O
CREF in or CREF out
FREF
I/O
Field Indicator in or out
HBLNK
O
Horizontal Blanking output
CSYNC
O
Composite sync output in free run mode
CLMP
O
Defines a black level clamping period
for A/D converters
VRST
Frame start identifier. If FRST is low
then a low going edge will reset the
internal sync generator.
FRST
Field identifier
REQYUV
I
Request macroblocks from encoder
MCLK
I/O
Macroblock I/O strobe
FSIG
I/O
Frame start/ ready signal
SCLK
I
System Clock. 27MHz in PAL/NTSC
systems
HD7:0
I/O
Host data bus
HA3:0
I
Host controller address bits
RD
I
An active low host read strobe
WR
I
An active low host write strobe
CEN
I
An active low enable for the strobes
RST
I
Power on reset
TDI
I
JTAG I/P data
TDO
O
JTAG O/P data
TMS
I
Test mode select
TCK
I
JTAG clock
TRST
I
JTAG reset
TOE
I
When high all O/P's are high
impedance
NOTE:
"Barred" active low signals do not appear with a bar in the main
body of the text.
Fig 2 : Luminance and chrominance inputs in the decimate mode.
10ns
min
10ns min
HBLNK
O/P
2ns
min
10ns
min
HREF
INPUT
PROGRAMMED DELAY
INPUT
CLOCK
First Cb Comp.
2ns
min
First Cr Comp.
CHROM
INPUT
Second I/P
First I/P
LUM
INPUT
10ns
min
2ns
min
CREF
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com