Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP520 Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # VP520
Description  PAL/NTSC to CIF/QCIF Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP520 Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button VP520 Datasheet HTML 8Page - Mitel Networks Corporation VP520 Datasheet HTML 9Page - Mitel Networks Corporation VP520 Datasheet HTML 10Page - Mitel Networks Corporation VP520 Datasheet HTML 11Page - Mitel Networks Corporation VP520 Datasheet HTML 12Page - Mitel Networks Corporation VP520 Datasheet HTML 13Page - Mitel Networks Corporation VP520 Datasheet HTML 14Page - Mitel Networks Corporation VP520 Datasheet HTML 15Page - Mitel Networks Corporation VP520 Datasheet HTML 16Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
VP520S
13
PIN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
FUNC
GND
A8
A7
A6
A5
VDD
GND
A4
A3
A2
A1
A0
VDD
GND
RW
VDD
GND
RAS
VDD
GND
M7
M6
M5
M4
PIN
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
FUNC
M3
M2
M1
M0
MCLK
VDD
GND
REQYUV
GND
VRST
FSIG
FRST
VDD
RST
TCK
TMS
TRST
TDI
TDO
TOE
VDD
VREF
FREF
HREF
PIN
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
FUNC
CREF
GND
CSYNC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
VDD
GND
HBLNK
C0
C1
C2
C3
C4
C5
C6
C7
N/C
GND
PIN
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
FUNC
VDD
SCLK
GND
VDD
HA0
HA1
HA2
HA3
WR
RD
CEN
HD0
HD1
HD2
HD3
HD4
HD5
VDD
GND
HD6
HD7
CLMP
VDD
D15
PIN
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
FUNC
D14
D13
D12
GND
VDD
D11
D10
D9
D8
GND
VDD
D0
D1
D2
D3
GND
VDD
D4
D5
D6
D7
CAS
GND
VDD
Table 2: 120 Pin QFP Pin Assignment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com