Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL800 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # WL800
Description  2.5GHz Frequency Synthesiser
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

WL800 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  WL800 Datasheet HTML 1Page - Mitel Networks Corporation WL800 Datasheet HTML 2Page - Mitel Networks Corporation WL800 Datasheet HTML 3Page - Mitel Networks Corporation WL800 Datasheet HTML 4Page - Mitel Networks Corporation WL800 Datasheet HTML 5Page - Mitel Networks Corporation WL800 Datasheet HTML 6Page - Mitel Networks Corporation WL800 Datasheet HTML 7Page - Mitel Networks Corporation WL800 Datasheet HTML 8Page - Mitel Networks Corporation WL800 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
WL800
ELECTRICAL CHARACTERISTICS
These characteristics are guaranteed over the following conditions (unless otherwise stated):
T
AMB = -20°C, to +85°C, Vcc
= 2.7V to 3.6V
Characteristic
Value
Unit
Condition
MIN
TYP
MAX
Supply current (total)
Transmit
37
50
mA
Receive
35
50
mA
Supply current in standby
3
5
mA
PROGRAMMING INPUTS
Logic low voltage
0
0.4
V
Logic high voltage
0.8Vcc
Vcc
V
Input current
1
µA
Input level high
Data clock frequency (1/tclock)
20
MHz
See Fig. 2
Data/Enable set up time (t set up)
10
ns
See Fig. 2
Enable hold time (t enable)
10
ns
See Fig. 2
Positive clock pulse width (tp)
20
ns
See Fig. 2
Negative clock pulse width (t neg)
20
ns
See Fig. 2
STANDBY INPUT
Logic low input voltage
0
0.8
V
Circuit powered down
Logic high input voltage
Vcc -0.7
Vcc
V
Circuit powered up
Input current
100
150
µA
Circuit powered up
-150
µA
Circuit powered down
Standby to operate time
3
µs
*References operational (see note 1)
TX/RX INPUT
Logic low input voltage
0
0.8
V
Receive mode
Logic high input voltage
Vcc -0.7
Vcc
V
Transmit mode
Input current
10
µA
REFERENCE OUTPUT
Reference output frequency
20
MHz
With 20MHz crystal
Reference clock output voltage
200
250
300
mVp-p
With 15pF load
Reference output impedance
600
Ohms
Mark Space ratio
-2%
50/50
+2%
With 15pF load
Rise time
15
ns
Fall time
15
ns
Crystal Drive Levels required
200
mV
Pins 22,23 differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com