Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5879AV Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5879AV
Description  3rd-order , 2-channel D/A Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5879AV Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5879AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5879AV Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SM5879AV
NIPPON PRECISION CIRCUITS—2
Theoretical Filter Characteristics
Deemphasis OFF overall characteristics
Overall frequency characteristic (deemphasis OFF)
Passband characteristic (deemphasis OFF)
Parameter
Frequency band
Attenuation (dB)
f
@ fs = 44.1 kHz
min
typ
max
Passband ripple
0 to 0.4535fs
0 to 20.0 kHz
−0.05
–
+0.05
Stopband attenuation
0.5465fs to 7.4535fs
24.1 to 328.7 kHz
32
–
–
Built-in analog LPF compensation
0.4535fs
20.0 kHz
–
−0.34
–
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
60
50
40
30
20
10
0
Frequency (Fs)
0.000
0.125
0.250
0.375
0.500
0.8
0.6
0.4
0.2
0.0
0.4535
Frequency (Fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com