Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA601N Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BA601N
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BA601N Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BA601N Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BA601N Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BA601N Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Gas
`
Sm
C
L
Fa
R
M
Ele
E
Ap
Fea
Age
Op
1) At
2) In
3) Te
3
www.b
s Discharge
mall Size Des
Current Handl
ow Capacitan
ast Response
Reliable to Pro
Moisture sensi
ctrical Para
Ethernet
plication in
atures
ency Appro
DC Breakd
Impulse S
Impulse Di
Ar
Insulat
Capacit
perating
And
M
t delivery AQ
n ionized mod
erms and wav
Icon
encent.co
e Tube
sign EIA 181
ling Capabilit
nce and Inser
e and Long Se
otect Electros
itivity level
:
ameter
nformation
ovals
down Voltage
park-over Vo
ischarge Curr
rc Voltage
tion Resistanc
tance at 1 MH
Weight
d Storage Te
Marking
QL 0.65 level
de
veforms in acc
Comp
Complian
Compliance w
om.cn
12 4.5×3.2×2
ty 1,000A @
rtion Loss
ervice Life
static Surge
Level 1
e 1)2)
oltage
rent 3)
ce
Hz
mperature
II GB/T 2828
cordance with
Description
pliance with 201
nce with IEC612
Mean lead fre
ith UL497B, Ce
.7mm
8/20 s
μ
100V/
At 1kV/
At 1kV/
8/20μ
At 1A
DC=10
VDC=0.
8.1-2003
h ITU-T Rec
n
1/65/EU
249-2-21:2003
ee
rtificated E2322
Customers sho
Sc
Pa
Ex
/s
/μs
/μs
μ
s
A
0V
5V
. K. 12; IEC
49
S
uld verify actua
chematic Sy
ackage (Top
xterior
for 99 % of
Typical valu
61643-21
Specifications a
al device perfor
ymbol
p View)
SM
1
1
420-780
f measured va
ues of distribu
1,000
~15
≥1
≤1.0
~0.20
-40-90
Without
are subject to ch
rmance in their
Order C
Versi
MD
alues  1200
ution  110
BA60
hange without n
specific applic
Code: BA6
ion: A0 2013
2
2
V
0
V
0
V
A
V
GΩ
pF
g
℃
01N
notice.
ations
601N
-12-16
V
V
V
A
V
Ω
F
g
℃


Similar Part No. - BA601N

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA60 L-COM-BA60 Datasheet
129Kb / 1P
ADAPTOR BNC M/UHF F
12/04/2001
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
Silicon Planar Diode
01-Apr-99
BA604 VISHAY-BA604 Datasheet
53Kb / 3P
Small Signal Switching Diode
01-Sep-10
logo
SUNMATE electronic Co.,...
BA604 SUNMATE-BA604 Datasheet
758Kb / 1P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
66Kb / 3P
Small Signal Switching Diode
31-Jul-12
More results

Similar Description - BA601N

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
Low Capacitance and Insertion Loss
B3D1000L1-C BENCENT-B3D1000L1-C Datasheet
344Kb / 3P
Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
BD122-1 BENCENT-BD122-1 Datasheet
289Kb / 3P
Low Capacitance and Insertion Loss
BF091M BENCENT-BF091M Datasheet
207Kb / 3P
Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
Low Capacitance and Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com