Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF122M Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BF122M
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BF122M Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BF122M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BF122M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BF122M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
BF122M
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BF122M
Gas Discharge Tube
Version: A0 2013-10-30
BF
122
M
(1)
(2)
(3)
(1)Bencent Gas Discharge Tube
(2) Series: DC Breakdown Voltage,
e.g.
:122=12×102=1200V
(3) Tolerance of DC Breakdown Voltage, M=+-20%,
N=+-30%,the Specific tolerance is decided by the table
of
“Electrical Parameter”
Part Numbering System
Recommended Soldering Pad
Product Dimensions
Environmental Reliability Characteristics
A
B
C
Lead Material
Copper
Body Material
Ceramics
Terminal Finish
100% Matte-Tin Plated
Product Characteristics
Testing items
Technical standards
High Temperature Storage Test
Temperature: 85℃
Time:2H
Low Temperature Storage Test
Temperature: -40℃
Time:2H
Vibration
Frequency:10-500Hz
Amplitude:0.15mm
Time:45min
Resistance of soldering heat
Temperature: 260±5℃
Time of dip soldering:10s,1time
REF
mm
inch
A
0.5±0.1
0.020±0.004
B
4.2±0.3
0.165±0.012
C
5.0±0.2
0.197±0.008
D
5.0±0.2
0.197±0.008
REF
mm
inch
A
4.95
0.195
B
3.0
0.118
C
5.5
0.217
Note: Up-screen program can be specified by customer’s request via contacting Bencent service
Solderability test
Solderability
Solder Pot Temperature:
245℃±5℃
Solder Dwell Time:
4-6 seconds
A
B
C
D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com