Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF351M Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BF351M
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BF351M Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BF351M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BF351M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BF351M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
Gas
`
Sm
H
L
Fa
M
Ele
D
Ap
Fea
Age
Op
1)
2)
3)
3
www.be
s Discharge
mall Size Des
Handling Capa
ow Capacitan
ast Response
Moisture sensi
ctrical Para
DC12V
、AC2
plication in
atures
ency Appro
DC Break
Impulse S
Impulse D
Ar
Insulat
Capaci
perating
And
M
Icon
) At delivery AQ
) In ionized mod
) Terms and wav
encent.com
e Tube
sign 4.2×5.0×
ability 5,000A
nce and Inser
e and Long Se
itivity level
:
ameter
24V Power su
nformation
ovals
kdown Voltag
park-over Vo
ischarge Cur
rc Voltage
tion Resistanc
tance at 1MH
Weight
d Storage Te
Marking
Complia
Compliance
UL C
QL 0.65 level II
de
veforms in accor
m.cn
×5.0mm Curr
A @ 8/20 s
μ
rtion Loss
ervice Life
Level 1
upplies
ge 1)2)
oltage
rent 3)
ce
Hz
mperature
Description
ance with 20
e with IEC61
Mean lead fr
Certificated E
GB/T 2828.1-2
rdance with ITU
rent
s
100V/
At 1kV/
At 1kV/
8/20μ
At 1A
DC=10
VDC=0.
n
11/65/EU
1249-2-21:200
ree
E232249
2003
U-T Rec. K. 12; I
Customers sho
Sc
Pa
Ex
/s
/μs
for
/μs
Typ
μ
s
A
0V
5V
03
EC 61643-21
S
uld verify actua
chematic Sy
ackage (Top
xterior
99 % of mea
pical values o
Specifications a
al device perfor
ymbol
p View)
SM
1
1
280~420
asured values
of distribution
5,000
≥15
≥1
≤1.0
~0.5
-40-150
Without
are subject to ch
rmance in their
Order Code
Ver
MD
750
n  650
BF35
hange without n
specific applic
e:
BF351M
rsion: A1 2013
2
2
V
V
V
A
V
GΩ
pF
g
℃
1M
notice.
ations
M-01
-11-21
V
V
V
A
V
Ω
F
g
℃


Similar Part No. - BF351M

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
BF3510 COOLCOX-BF3510 Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
BF3510H05D COOLCOX-BF3510H05D Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
BF3510H05S COOLCOX-BF3510H05S Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
BF3510H12D COOLCOX-BF3510H12D Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
BF3510H12S COOLCOX-BF3510H12S Datasheet
348Kb / 1P
DC Blower Fan 35x35x10mm
More results

Similar Description - BF351M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
Low Capacitance and Insertion Loss
B3D1000L1-C BENCENT-B3D1000L1-C Datasheet
344Kb / 3P
Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
BD122-1 BENCENT-BD122-1 Datasheet
289Kb / 3P
Low Capacitance and Insertion Loss
BF091M BENCENT-BF091M Datasheet
207Kb / 3P
Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
Low Capacitance and Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com