Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC5803 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KSC5803
Description  High Voltage Color Display Horizontal Deflection Output(No Damper Diode)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KSC5803 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KSC5803 Datasheet HTML 1Page - KEC(Korea Electronics) KSC5803 Datasheet HTML 2Page - KEC(Korea Electronics) KSC5803 Datasheet HTML 3Page - KEC(Korea Electronics) KSC5803 Datasheet HTML 4Page - KEC(Korea Electronics) KSC5803 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics
Figure 1. Static Characteristic
Figure 2. DC current Gain
Figure 3. Base-Emitter Saturation Voltage
Figure 4. Collector-Emitter Saturation Voltage 1
Figure 5. Collector-Emitter Saturation Voltage 2
Figure 6. Base-Emitter On Voltage
012
345
67
89
10
0
2
4
6
8
10
12
IB=2.0A
IB=1.8A
IB=1.6A
IB=1.4A
IB=1.2A
IB=1.0A
IB=800mA
IB=600mA
IB=400mA
IB=200mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
0.1
1
10
1
10
100
VCE=5V
125℃
75℃
25℃
-25℃
IC[A], COLLECTOR CURRENT
0.1
1
10
1
0.9
0.8
0.7
0.6
2
0.5
0.4
IC=3IB
125℃
75℃
25℃
-25℃
IC[A], COLLECTOR CURRENT
0.1
1
10
10
1
10
2
10
3
10
4
IC=3IB
125℃
75℃
25℃
-25℃
IC[A], COLLECTOR CURRENT
0.1
1
10
10
1
10
2
10
3
10
4
IC=5IB
125℃
75℃
25℃
-25℃
IC[A], COLLECTOR CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10
12
VCE=5V
VBE[V], BASE EMITTER VOLTAGE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com