Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV03CL Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV03CL
Description  Low clamping voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV03CL Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV03CL Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV03CL Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Tra
s
Th
En
Hi
Hi
Hi
Hi
Pr
Re
No
V
www.ben
ansient Vo
symbol
TJ
TS
hermal Cons
nvironmenta
T
igh Temperat
igh Temperat
igh-low Temp
igh Temperat
ressure Cooke
esistance of S
ote:The abov
V-I Curve
Parameter
VC
Ipp
VDRM
VBR
IDRM
IR
Ppp
ncent.com.c
oltage Sup
siderations
al Character
Testing Items
ture Reverse B
ture Life Test
perature Cycl
ture &High H
er Test
Soldering Hea
ve testing item
rs
Su
Re
Peak
n
ppressor
Operating J
Stora
ristics
s
Bias Test
t
le Test
Humidity Test
at
ms can be spe
Definiti
ClampingV
urge Wavefor
Stand-off V
Breakdown V
everse Leakag
TestCurr
k Pulse Power
Paramete
Junction Tem
age Temperatu
Tempera
Time:16
Tempera
Time:16
Tempera
Dwell ti
t
Tempera
Test tim
Tempera
Test tim
Tempera
Time of
cified by cus
ion
Voltage
rm8/20μs
Voltage
Voltage
ge Current
rent
r Dissipation
Customers sho
er
mperature Ran
ure Range
ature: 150±3℃
68H
ature: 150℃
68H
ature:From -4
ime: 30min, 1
ature: 85℃Hu
me:168H
ature: 121℃,
me: 24H to 168
ature: 260±5℃
f dip soldering
tomers by co
S
uld verify actua
nge
Techn
℃
, Bias=80%
40℃ to125℃
10-100 cycles
umidity:85%
2atm. Humi
8H
℃
g: 10s, 3times
ntacting Ben
V
DR
V
BR
V
C
Specifications a
al device perfor
nical Standard
%VDRM
dity:100%
s
cent service
RM
I
DRM
IR
I
PP
are subject to ch
rmance in their
Order C
Version
Value
-40 to +150
-40to +150
ds
I
DRM
I
R
V
DRM
I
PP
BV03
hange without n
specific applic
Code:BV03C
n: A0 2014-02
Uni
℃
℃
M VBR
V
C
3CL
notice.
ations
CL
2-17
it
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com