Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV05C Datasheet(PDF) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BV05C
Description  Ultra low capacitance - 1.5pF maximum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BV05C Datasheet(HTML) 2 Page - Shenzhen Bencent Electronics Co., Ltd.

  BV05C Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BV05C Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BV05C Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd. BV05C Datasheet HTML 4Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
Tra
s
Th
V
T
4
www.ben
ansient Vo
symbol
TJ
TS
hermal Cons
V-I Curve
Parameter
VC
Ipp
VDRM
VBR
IDRM
IR
Ppp
Typical Char
ncent.com.c
oltage Sup
siderations
rs
Su
Re
Peak
racteristics
n
ppressor
Operating J
Stora
Definiti
Clamping v
urge waveform
Stand-off V
Breakdown V
everse Leakag
Test curr
k Pulse Power
Paramete
Junction Tem
age Temperatu
ion
voltage
m 8/20μs
Voltage
Voltage
ge Current
rent
r Dissipation
Customers sho
er
mperature Ran
ure Range
V
S
uld verify actua
nge
V
DRM
V
BR
V
C
Specifications a
al device perfor
M
I
DRM
IR
I
PP
I
are subject to ch
rmance in their
Order Co
Version
Value
-55 to +150
-55 to +150
I
DRM
I
R
V
DRM
I
PP
BV05
hange without n
specific applic
ode: BV05
n: A0 2013-11
Uni
℃
℃
M
V
BR
V
C
5C
notice.
ations
5C
1-12
it
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com