Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5901AF Datasheet(PDF) 19 Page - Nippon Precision Circuits Inc

Part # SM5901AF
Description  compression and non compression type anti-shock memory controller with built-in 1M DRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5901AF Datasheet(HTML) 19 Page - Nippon Precision Circuits Inc

Back Button SM5901AF Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 22Page - Nippon Precision Circuits Inc SM5901AF Datasheet HTML 23Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
SM5901AF
85H (option settings)
- RAMX2
When 1: External DRAM is used
When 0: External DRAM is no used
- YFLGS, YFCKP see 9-2-3.
When 0 and 0: Sets FLAG6 on the falling edge of
YFCLK when YFLAG=0
When 0 and 1: Sets FLAG6 on the rising edge of
YFCLK when YFLAG=0
When 1 and 0: Sets FLAG6 when YFLAG=0
When 1 and 1: Sets FLAG6 when YFLAG=1
- COMPFB, COMP6B, COMP5B, COMP4B
When 0, 0, 0 and 1: Selects 4-bit compression
mode
When 0, 0, 1 and 0: Selects 5-bit compression
mode
When 1, 0, 0 and 0: Selects full-bit compression
mode
In all other cases: Selects 6-bit compression mode
Changing mode without initialize in opera-
tion is possible.
83H (ATT, MUTE settings)
- ATT (attenuator enable)
When 1: Attenuator settings become active (84H
command)
When 0: Attenuator settings become inactive, and
output continues without attenuation
- MUTE (forced muting)
When 1: Outputs are instantaneously muted to
0.(note 1)
Same effect as taking the YDMUTE pin
HIGH.
When 0: No muting(note 1)
(note1) Effective at the start of a Left-channel out-
put data.
- SOFT (soft muting)
When 1: Outputs are smoothly muted to 0.
When 0: No muting.
Soft mute release occurs instantaneously
to either the value set by the 84H com-
mand (When ATT=1) or 0dB (When
ATT=0)
- MUTE, SOFT, YDMUTE relationship
When all mute inputs are 0, mute is released.
- CMP12 (12-bit comparison connection)
When 1: Performs comparison connection using
only the most significant 12 bits of input
data.
When 0: Performs comparison connection using
all 16 bits of input data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com